Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD403C Datasheet(PDF) 3 Page - International Rectifier

Part # SD403C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD403C Datasheet(HTML) 3 Page - International Rectifier

  SD403C Datasheet HTML 1Page - International Rectifier SD403C Datasheet HTML 2Page - International Rectifier SD403C Datasheet HTML 3Page - International Rectifier SD403C Datasheet HTML 4Page - International Rectifier SD403C Datasheet HTML 5Page - International Rectifier SD403C Datasheet HTML 6Page - International Rectifier SD403C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SD403C..C Series
3
Bulletin I2067 rev. C 04/00
www.irf.com
5
1
2
3
4
SD
40
3
C
16 S15
C
7
6
Device Code
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.16
DC operationsingle side cooled
junction to heatsink
0.08
DC operationdouble side cooled
F
Mounting force, ± 10%
4900
N
(500)
(Kg)
wt
Approximate weight
70
g
Case style
DO-200AA
See Outline Table
Parameter
SD403C..C
Units
Conditions
Thermal and Mechanical Specifications
∆R
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs when devices operate at different conduction angles than DC)
°C
K/W
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(see Voltage Ratings table)
6
-t
rr
code (see Recovery Characteristics table)
7
-
C = Puk Case DO-200AA
Ordering Information Table
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
180°
0.010
0.011
0.008
0.008
120°
0.012
0.013
0.013
0.013
90°
0.016
0.016
0.018
0.018
K/W
T
J
= T
J
max.
60°
0.024
0.024
0.025
0.025
30°
0.042
0.042
0.042
0.042



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com