Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD5000C Datasheet(PDF) 1 Page - International Rectifier

Part # SD5000C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD5000C Datasheet(HTML) 1 Page - International Rectifier

  SD5000C Datasheet HTML 1Page - International Rectifier SD5000C Datasheet HTML 2Page - International Rectifier SD5000C Datasheet HTML 3Page - International Rectifier SD5000C Datasheet HTML 4Page - International Rectifier SD5000C Datasheet HTML 5Page - International Rectifier SD5000C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SD5000C..R SERIES
STANDARD RECOVERY DIODES
Hockey Puk Version
5570A
Bulletin I2034/A
Features
Wide current range
High voltage ratings up to 3000V
High surge current capabilities
Diffused junction
Hockey Puk version
Case style B-44 (R-PUK)
Typical Applications
Converters
Power supplies
High power drives
Auxiliary system supplies for traction applications
Major Ratings and Characteristics
I
F(AV)
5570
A
@ T
hs
55
°C
I
F(RMS)
9400
A
@ T
hs
25
°C
I
FSM
@ 50Hz
67800
A
@ 60Hz
71000
A
I
2t
@ 50Hz
23000
KA
2s
@ 60Hz
21000
KA
2s
V
RRM
range
2000 to 3000
V
T
J
- 40 to 160
°C
Parameters
SD5000C..R
Units
case style B-44 (R-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD5000C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD5000 STMICROELECTRONICS-SD5000 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
logo
Calogic, LLC
SD5000 CALOGIC-SD5000 Datasheet
37Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
logo
Linear Integrated Syste...
SD5000 LINEAR-SD5000 Datasheet
505Kb / 3P
QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD5000 LINEAR-SD5000 Datasheet
226Kb / 4P
QUAD N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
logo
Micross Components
SD5000 MICROSS-SD5000 Datasheet
253Kb / 1P
Quad N-Channel Enhancement Mode DMOS Lateral Switches
More results

Similar Description - SD5000C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com