Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD603C Datasheet(PDF) 1 Page - International Rectifier

Part # SD603C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD603C Datasheet(HTML) 1 Page - International Rectifier

  SD603C Datasheet HTML 1Page - International Rectifier SD603C Datasheet HTML 2Page - International Rectifier SD603C Datasheet HTML 3Page - International Rectifier SD603C Datasheet HTML 4Page - International Rectifier SD603C Datasheet HTML 5Page - International Rectifier SD603C Datasheet HTML 6Page - International Rectifier SD603C Datasheet HTML 7Page - International Rectifier SD603C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SD603C..C SERIES
FAST RECOVERY DIODES
Hockey Puk Version
600A
1
Bulletin I2068 rev. C 04/00
www.irf.com
Features
High power FAST recovery diode series
1.0 to 2.0 µs recovery time
High voltage ratings up to 2200V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Press-puk encapsulation
Case style conform to JEDEC B-43
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
Major Ratings and Characteristics
I
F(AV)
600
A
@ T
hs
55
°C
I
F(RMS)
942
A
@ T
hs
25
°C
I
FSM
@ 50Hz
8320
A
@ 60Hz
8715
A
I2t@ 50Hz
346
KA2s
@ 60Hz
316
KA2s
V
RRM
range
400 to 2200
V
t
rr
range
1.0 to 2.0
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD603C..C
Units
case style B-43


Similar Part No. - SD603C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD603C04S10C VISHAY-SD603C04S10C Datasheet
429Kb / 10P
SD603C04S10C
04-Aug-08
SD603C04S10C VISHAY-SD603C04S10C Datasheet
443Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 600 A
04-Aug-08
SD603C04S10C VISHAY-SD603C04S10C_12 Datasheet
443Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 600 A
04-Aug-08
SD603C04S15C VISHAY-SD603C04S15C Datasheet
429Kb / 10P
SD603C04S10C
04-Aug-08
SD603C04S20C VISHAY-SD603C04S20C Datasheet
429Kb / 10P
SD603C04S10C
04-Aug-08
More results

Similar Description - SD603C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com