Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD800C Datasheet(PDF) 2 Page - International Rectifier

Part # SD800C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD800C Datasheet(HTML) 2 Page - International Rectifier

  SD800C Datasheet HTML 1Page - International Rectifier SD800C Datasheet HTML 2Page - International Rectifier SD800C Datasheet HTML 3Page - International Rectifier SD800C Datasheet HTML 4Page - International Rectifier SD800C Datasheet HTML 5Page - International Rectifier SD800C Datasheet HTML 6Page - International Rectifier SD800C Datasheet HTML 7Page - International Rectifier SD800C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SD800C..L SERIES
STANDARD RECOVERY DIODES
Hockey Puk Version
1200A
Bulletin I2085/A
Features
Wide current range
High voltage ratings up to 4500V
High surge current capabilities
Diffused junction
Hockey Puk version
Case style DO-200AB (B-PUK)
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Parameters
Units
SD800C..L
24 to 36
40 to 45
I
F(AV)
1180
1065
A
@ T
hs
55
55
°C
I
F(RMS)
2280
2040
A
@ T
hs
25
25
°C
I
FSM
@ 50Hz
13600
12200
A
@ 60Hz
14240
12800
A
I
2t
@ 50Hz
925
745
KA
2s
@ 60Hz
845
680
KA
2s
V
RRM
range
2400 to 3600
4000 to 4500
V
T
J
- 40 to 150
- 40 to 150
°C
Major Ratings and Characteristics
case style DO-200AB (B-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com