Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD823C Datasheet(PDF) 2 Page - International Rectifier

Part # SD823C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD823C Datasheet(HTML) 2 Page - International Rectifier

  SD823C Datasheet HTML 1Page - International Rectifier SD823C Datasheet HTML 2Page - International Rectifier SD823C Datasheet HTML 3Page - International Rectifier SD823C Datasheet HTML 4Page - International Rectifier SD823C Datasheet HTML 5Page - International Rectifier SD823C Datasheet HTML 6Page - International Rectifier SD823C Datasheet HTML 7Page - International Rectifier SD823C Datasheet HTML 8Page - International Rectifier SD823C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SD823C..C Series
D-716
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
V
V
mA
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD823C..C
50
I
F(AV)
Max. average forward current
810 (425) 910 (470)
A
180° conduction, half sine wave
@ heatsink temperature
55 (85)
55 (85)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS forward current
1500
1690
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle forward,
9300
9600
t = 10ms
No voltage
non-repetitive surge current
9730
10050
t = 8.3ms
reapplied
7820
8070
t = 10ms
100% V
RRM
8190
8450
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
432
460
t = 10ms
No voltage
Initial T
J
= T
J
max.
395
420
t = 8.3ms
reapplied
306
326
t = 10ms
100% V
RRM
279
297
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
4320
4600
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f 1
Low level value of forward
slope resistance
r
f 2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
2.20
1.85
V
I
pk
= 1500A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
0.76
0.57
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.80
0.60
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
1.11
1.06
(I >
π x I
F(AV)
),T
J
= T
J
max.
1.00
0.95
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
KA2s
A
V
m
Ω
Forward Conduction
Parameter
Units
Conditions
SD823C..C
S20
S30
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
Test conditions
Max. values @ T
J
= 150°C
Recovery Characteristics
Typical t
rr
I
pk
di/dt
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
S20
2.0
1000
50
- 50
3.5
240
110
S30
3.0
1000
50
- 50
5.0
380
130
T
J
= 25oC
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com