Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST083S Datasheet(PDF) 8 Page - International Rectifier

Part # ST083S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST083S Datasheet(HTML) 8 Page - International Rectifier

  ST083S Datasheet HTML 1Page - International Rectifier ST083S Datasheet HTML 2Page - International Rectifier ST083S Datasheet HTML 3Page - International Rectifier ST083S Datasheet HTML 4Page - International Rectifier ST083S Datasheet HTML 5Page - International Rectifier ST083S Datasheet HTML 6Page - International Rectifier ST083S Datasheet HTML 7Page - International Rectifier ST083S Datasheet HTML 8Page - International Rectifier ST083S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ST083S Series
Fig. 13 - Frequency Characteristics
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
1E1
1E2
1E3
1E4
1E11E2
1E31E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
3000
200
500
Snub ber circuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Sinusoidal pulse
T = 60°C
C
1E4
tp
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Ba sewid th (µs)
1000
1500
2000
3000
200
500
Snubb er circ uit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Sinusoidal pulse
T = 85°C
C
tp
1E1
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
1000
1500
2000
3000
200
500
Snub ber c ircuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Trapezoid al pulse
T = 60°C
di/ dt = 50A/ µs
C
Pulse Basewidth (µs)
tp
1E41E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
200
500
Snubber circuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Trapezoidal p ulse
T = 85°C
di/dt = 50A/µs
C
tp
1E1
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
400
2500
100
1000
1500
2000
3000
200
500
Snubber circuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Trapezoidal pulse
T = 60°C
di/dt = 100A/ µs
C
Pulse Basewidth (µs)
tp
1E4
50 Hz
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
200
500
Snubber circuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Trapezoidal pulse
T = 85°C
di/ dt = 100A/ µs
C
tp
1E1
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com