Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST203S Datasheet(PDF) 10 Page - International Rectifier

Part # ST203S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST203S Datasheet(HTML) 10 Page - International Rectifier

Back Button ST203S Datasheet HTML 2Page - International Rectifier ST203S Datasheet HTML 3Page - International Rectifier ST203S Datasheet HTML 4Page - International Rectifier ST203S Datasheet HTML 5Page - International Rectifier ST203S Datasheet HTML 6Page - International Rectifier ST203S Datasheet HTML 7Page - International Rectifier ST203S Datasheet HTML 8Page - International Rectifier ST203S Datasheet HTML 9Page - International Rectifier ST203S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ST203S Series
D-475
Case Style TO-209AB (TO-93)
All dimensions in millimeters (inches)
Fast-on Terminals
Outline Table
C.S. 0.4 mm
2
10 (0.39)
RED SHRINK
RED CATHODE
RED SILICON RUBBER
4.3 (0.17) DIA
(.0006 s.i.)
8.5 (0.33) DIA.
16.5 (0.65) MAX.
CERAMIC HOUSING
22.5 (0.88) MAX. DIA.
SW 27
C.S. 16mm
2
FLEXIBLE LEAD
(.025 s.i.)
2.6 (0.10) MAX.
WHITE SHRINK
29.5 (1.16)
MAX.
1/2"-20UNF-2A
WHITE GATE
215 (8.46)
Case Style TO-209AB (TO-93) Flag
All dimensions in millimeters (inches)
CERAMIC HOUSING
3 (0.12)
DIA. 27.5 (1.08) MAX.
FLAG TERMINALS
1.5 (0.06) DIA.
SW 32
22 (0.89)
DIA. 6.5 (0.25)
14 (0.55)
*FOR METRIC DEVICE. M16 X 1.5 - LENGHT 21 (0.83) MAX.
3/4"-16UNF-2A*
AMP. 280000-1
REF-250
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com