Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST223S Datasheet(PDF) 3 Page - International Rectifier

Part # ST223S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST223S Datasheet(HTML) 3 Page - International Rectifier

  ST223S Datasheet HTML 1Page - International Rectifier ST223S Datasheet HTML 2Page - International Rectifier ST223S Datasheet HTML 3Page - International Rectifier ST223S Datasheet HTML 4Page - International Rectifier ST223S Datasheet HTML 5Page - International Rectifier ST223S Datasheet HTML 6Page - International Rectifier ST223S Datasheet HTML 7Page - International Rectifier ST223S Datasheet HTML 8Page - International Rectifier ST223S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST223S Series
D-482
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Frequency
Units
50Hz
630
430
970
690
6450
4850
400Hz
630
420
1010
710
3140
2280
1000Hz
580
370
1000
680
1860
1310
A
2500Hz
420
250
860
630
980
790
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Case temperature
60
85
60
85
60
85
°C
Equivalent values for RC circuit
47
Ω / 0.22µF
47
Ω / 0.22µF
47
Ω / 0.22µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
220
A
180° conduction, half sine wave
@ Case temperature
85
°C
I
T(RMS)
Max. RMS on-state current
345
DC @ 76°C case temperature
I
TSM
Max. peak, one half cycle,
5850
t = 10ms
No voltage
non-repetitive surge current
6120
A
t = 8.3ms
reapplied
4920
t = 10ms
100% V
RRM
5150
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
171
t = 10ms
No voltage
Initial T
J
= T
J
max
156
t = 8.3ms
reapplied
121
t = 10ms
100% V
RRM
111
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1710
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST223S
Units
Conditions
On-state Conduction
KA2s
ST223S
40
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com