Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST230C Datasheet(PDF) 3 Page - International Rectifier

Part # ST230C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST230C Datasheet(HTML) 3 Page - International Rectifier

  ST230C Datasheet HTML 1Page - International Rectifier ST230C Datasheet HTML 2Page - International Rectifier ST230C Datasheet HTML 3Page - International Rectifier ST230C Datasheet HTML 4Page - International Rectifier ST230C Datasheet HTML 5Page - International Rectifier ST230C Datasheet HTML 6Page - International Rectifier ST230C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST230C..C Series
3
Bulletin I25162 rev. D 04/03
www.irf.com
dv/dt
Maximum critical rate of rise of
off-state voltage
I
DRM
Max. peak reverse and off-state
I
RRM
leakage current
Blocking
500
V/
µsT
J
= T
J
max. linear to 80% rated V
DRM
Parameter
ST230C..C
Units Conditions
30
mA
T
J
= T
J
max, rated V
DRM
/V
RRM
applied
P
GM
Maximum peak gate power
10.0
T
J
= T
J
max, t
p ≤
5ms
P
G(AV)
Maximum average gate power
2.0
T
J
= T
J
max, f = 50Hz, d% = 50
I
GM
Max. peak positive gate current
3.0
A
T
J
= T
J
max, t
p ≤
5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
T
J
= - 40°C
mA
T
J
= 25°C
T
J
= 125°C
T
J
= - 40°C
VT
J
= 25°C
T
J
= 125°C
I
GD
DC gate current not to trigger
10
mA
Parameter
ST230C..C
Units Conditions
20
5.0
Triggering
TYP.
MAX.
180
-
90
150
40
-
2.9
-
1.8
3.0
1.2
-
V
GD
DC gate voltage not to trigger
0.25
V
Max. gate current/voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM
anode-to-cathode applied
T
J
= T
J
max
Max. required gate trigger/ cur-
rent/ voltage are the lowest value
which will trigger all units 12V
anode-to-cathode applied
V
GT
DC gate voltage required
to trigger
I
GT
DC gate current required
to trigger
W
VT
J
= T
J
max, t
p ≤
5ms
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.17
DC operation single side cooled
junction to heatsink
0.08
DC operation double side cooled
R
thC-hs
Max. thermal resistance,
0.033
DC operation single side cooled
case to heatsink
0.017
DC operation double side cooled
F
Mounting force, ± 10%
4900
N
(500)
(Kg)
wt
Approximate weight
50
g
Parameter
ST230C..C
Units
Conditions
K/W
Thermal and Mechanical Specification
°C
Case style
TO - 200AB (A-PUK)
See Outline Table
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com