Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN235 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN235
Description  Stepper motor driving
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN235 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN235 Datasheet HTML 4Page - STMicroelectronics AN235 Datasheet HTML 5Page - STMicroelectronics AN235 Datasheet HTML 6Page - STMicroelectronics AN235 Datasheet HTML 7Page - STMicroelectronics AN235 Datasheet HTML 8Page - STMicroelectronics AN235 Datasheet HTML 9Page - STMicroelectronics AN235 Datasheet HTML 10Page - STMicroelectronics AN235 Datasheet HTML 11Page - STMicroelectronics AN235 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
The bipolar motor produces more torque
AN235
8/23
Doc ID 1679 Rev 2
3
The bipolar motor produces more torque
The torque of the stepper motor is proportional to the magnetic field intensity of the stator
windings, which is proportional to the number of turns and the current in the winding, so
torque is proportional to N*I. A natural limit against any current increase is the danger of
saturating the iron core, though this typically isn't the major factor for stepper motors. Much
more important is the maximum temperature rise of the motor, due to the power loss in the
stator windings. The dissipation in the windings is equal to the square of the current times
the winding resistance. Since the resistance is proportional to the number of turns,
dissipation is proportional to N*I2. This gives an advantage to the bipolar configuration which
better uses the copper in the windings compared to a unipolar motor.
Consider the motor shown in Figure 1 B. When it is driven as a unipolar motor, current flows
from Vs to ground in one half of the center tapped winding through N turns. The power
dissipation and torque for the unipolar configuration are:
Equation 1
If the same motor is driven as a bipolar motor, from the ends with the center tap left
unconnected, the current flows through both halves or 2N turns and the dissipation and
torque are:
Equation 2
If Pd is set to be the same for both drive conditions, substituting one equation into the other
shows that
Equation 3
Since the bipolar driven motor better uses the copper in the windings it can deliver more
torque with the same dissipation in the windings than a unipolar motor built on the same
frame. Another way to look at it is that the bipolar motor has less dissipation to produce the
same torque.
Pd N
Iu
2
⋅
∼
and Tu N
Iu
⋅
∼
Pd 2N
Ib
2
⋅
∼
and Tb 2NIb
∼
Ib
Iu
1
2
-------
=
and Tb
2
Tu
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com