Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN279 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN279
Description  output to output short-circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN279 Datasheet(HTML) 2 Page - STMicroelectronics

  AN279 Datasheet HTML 1Page - STMicroelectronics AN279 Datasheet HTML 2Page - STMicroelectronics AN279 Datasheet HTML 3Page - STMicroelectronics AN279 Datasheet HTML 4Page - STMicroelectronics AN279 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN279
2/5
Doc ID 1702 Rev 2
To sense the output to ground short-circuit, a sensing resistor (RSU) must be added between
the supply pin and the supply voltage as shown in Figure 3.
Figure 3.
Short-circuit from output to ground
The second step is to set a threshold over which the value of the current to be considered as
short-circuit. An easy threshold is to select the forward bias voltage of a diode or transistor.
When the voltage across the sense resistor exceeds the Vf or Vbe, the device turns on
indicating an overcurrent from the short-circuit.
The overcurrent signal from both the upper and lower sense resistor are ORed together to
trigger the shutdown to protect the device. One simple way to shutdown the device is to take
the enable line low and latch it low. The circuit in Figure 4 uses an SCR that will latch on and
hold the enable low if an overcurrent occurs. The figures show the L6203, but the same
configuration may be used with the L6201 or L6202.
Figure 4.
Short-circuit protection circuit
In normal operation the circuit can work up to 3 A/40 V. When a short-circuit occurs the SCR
is triggered and the L6203 is disabled. Due to the SCR memory, the L6203 is kept disabled
until the power is switched off and back on, if the cause of short was removed.
The short-circuit is detected when:
Equation 1
I
SU
V
BE T1
()
R
SU
--------------------
>
0.6
0.1
--------
6A
==
I
SL
V
D
V
THSCMT
+
R
SC
---------------------------------------
>
0.6
0.7
+
0.165
-----------------------
7.8A
==



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com