Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN280 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN280
Description  Controlling voltage transients in full-bridge driver applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN280 Datasheet(HTML) 5 Page - STMicroelectronics

  AN280 Datasheet HTML 1Page - STMicroelectronics AN280 Datasheet HTML 2Page - STMicroelectronics AN280 Datasheet HTML 3Page - STMicroelectronics AN280 Datasheet HTML 4Page - STMicroelectronics AN280 Datasheet HTML 5Page - STMicroelectronics AN280 Datasheet HTML 6Page - STMicroelectronics AN280 Datasheet HTML 7Page - STMicroelectronics AN280 Datasheet HTML 8Page - STMicroelectronics AN280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN280
Source of voltage transients
Doc ID 1703 Rev 3
5/15
2
Source of voltage transients
To protect against the overvoltage that may occur as a result of the inductive property of the
load, voltage clamps are normally employed to limit the voltage across the output devices. In
bridge applications these clamps are normally a diode bridge that clamps the voltage to one
diode drop above supply and one diode drop below ground. However, if the diode switches
slower than the transistor, there is a short time where neither the transistor nor the diode is
conducting and the voltage rise is limited only by the capacitance on the node. The result is
that a voltage overshoot occurs during the time before the diode turns-on. When the bridge
is built with DMOS power transistors, the intrinsic body diode is often used as the clamp.
This is true for the L6201, L6202 and L6203. As can be seen in the Figure 2, the turn-off
time of the DMOS device in the L6203 is in the range of 25 to 50 ns while the turn-on time of
the intrinsic drain to source diode is in the range of 150 ns. This difference in switching time
is characteristic of many DMOS devices.
Figure 2.
Output switching waveform for the L6203
The second main factor contributing to the transients is the parasitic inductance in the wiring
or printed circuit board layout. Figure 3 shows the parasitic inductances in the DC motor
application. When the current flowing in these parasitic inductances is rapidly switched, the
inductive property of the wire causes a voltage transient. When large currents are rapidly
switched, as with DMOS transistors, large voltage transients can be induced across even
small parasitic inductances. For an inductive load driven by an H-bridge the change of
current in the power supply lead is equal to twice the load current when the bridge is
switched off or the bridge is switched from one diagonal pair of transistors being on the other
pair. The time that it takes to switch the current is essentially the turn-off time of the output
device. In this case the resulting voltage across the inductance is given by the equation:
Equation 1
AM15169v1
VL
di
dt
-----
L2
Il
Toff
-----------
⋅⋅
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com