Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN458 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics AN458 Datasheet HTML 14Page - STMicroelectronics AN458 Datasheet HTML 15Page - STMicroelectronics AN458 Datasheet HTML 16Page - STMicroelectronics AN458 Datasheet HTML 17Page - STMicroelectronics AN458 Datasheet HTML 18Page - STMicroelectronics AN458 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AN458 APPLICATION NOTE
18/19
Figure 22. A Minimal Components count for VO = 12V
DUAL OUTPUT POWER SUPPLY
The application shown in fig.23 is interesting because it provides two output voltages. The main voltage, is di-
rectly controlled by the feedback loop, the second voltage is obtained through an auxiliary winding. As the aux-
iliary voltage is obtained through a completely separated winding, it is possible to obtain either a positive or a
negative voltage. Where isolation is not required between the two outputs, we can reduce the number of the
auxiliary turns improving also the tolerance of the secondary output using the configuration illustrated in fig.24.
For both this configurations, the discontinuous mode is ideal because we have a good energy transfer between
primary and secondary windings, due to the high energy stored in the coil that is function of the ripple current in
the inductor.
Figure 23. Multioutput isolated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com