Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN829 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN829
Description  SEMICONDUCTOR KIT FOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN829 Datasheet(HTML) 8 Page - STMicroelectronics

  AN829 Datasheet HTML 1Page - STMicroelectronics AN829 Datasheet HTML 2Page - STMicroelectronics AN829 Datasheet HTML 3Page - STMicroelectronics AN829 Datasheet HTML 4Page - STMicroelectronics AN829 Datasheet HTML 5Page - STMicroelectronics AN829 Datasheet HTML 6Page - STMicroelectronics AN829 Datasheet HTML 7Page - STMicroelectronics AN829 Datasheet HTML 8Page - STMicroelectronics AN829 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AN829 APPLICATION NOTE
8/9
junction temperature to be accurately estimated:
with :
Vin = 220Vac/Iin = 8Arms
Vout = 400Vdc/Rgn = 0Ω
MOSFET+DIODE conduction losses = 10W
MOSFET+DIODE commutat. losses = .52W/kHz
with:
Vin = 120Vac/Iin = 15Arms
Vout = 400Vdc/Rgn = 0Ω
MOSFET+DIODE conduction losses = 40W
MOSFET+DIODE commutat. losses = .88W/kHz
with a gate drive resistance Rgn=102, 25% must be
added to the commutation losses.
Figure 5. Current & Voltage Recorders-
Figure 6. Average Current & Voltage-
Figure 7. Average Current & Voltage-
Figure 8. Turn Off Mosfet behavior-
Figure 9. Diode Recovery Current
CURRENT AMPLIFIER
OUTPUT (1V/DIV)
VOLTAGE ERROR OUTPUT
(1V/DIV)
RECTIFIED MAINS
VOLTAGE(50V/DIV)
INSTANTANEOUS INDUCTOR
CURRENT (2A/DIV)
D95IN256A
1msec DIV
AVERAGE CURRENT
AMPLIFIER OUTPUT
(1VDIV)
VOLTAGE ERROR
OUTPUT (1V/DIV)
RECTIFIED MAINS
VOLTAGE (50V/DIV)
AVERAGE INDUCTOR
CURRENT (2A/DIV)
D95IN257A
1msec DIV
RECTIFIED MAINS
VOLTAGE 50V/DIV
AVERAGE INDUCTOR
CURRENT 5A/DIV
D95IN265A
1msec DIV
TURN OFF SOURCE
CURRENT (5A/DIV)
TURN OFF DRAIN
VOLTAGE 50V/DIV(-100V offset)
D95IN266A
D95IN267A
20nsec DIV
5A/DIV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com