Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN991 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN991
Description  The application has been developed to supply two 18W fluorescent lamps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN991 Datasheet(HTML) 1 Page - STMicroelectronics

  AN991 Datasheet HTML 1Page - STMicroelectronics AN991 Datasheet HTML 2Page - STMicroelectronics AN991 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
The application has been developed to supply two 18W fluorescent lamps. It consists of two sections: a
Power Factor Corrected preregulator (PFC), using the L6561, and the lamp ballast stage with the L6569
(see fig.1).
The power factor corrector section is based on the L6561. This is an IC intended to control PFC preregu-
lators by using the transition mode technique. It is especially dedicated for electronic lamp ballast appli-
cations (to better understand the L6561 characteristics refer to AN966).
Referring to the application circuit (see fig.1), the AC mains voltage is rectified by a diodes bridge and
delivered to the boost converter. The converter section boosts the rectified voltage to a DC controlled
value. The section consists of a boost inductor (T1), a controlled power switch (Q1), a boost diode (D1),
an output capacitor (C5) and, obviously, a control circuitry.
Since the input is a time-variable supply voltage (sine wave), to make the input current shaped like the
line voltage, the converter has to produce a boost inductor average current like the rectified input volt-
age. To do so, the L6561 controls the system in transition mode. Transition mode approach consists of a
"zero current turn-on" system, switching at variable frequency and duty cycle. The output voltage value
of the PFC, which can be adjusted by the pair of resistor R7-R8, is set at 400 Volt.
The regulated voltage is delivered to the ballast section. The L6569 is a high voltage half-bridge driver
with a built-in oscillator, similar to a NE555 timer (to better understand the L6569 in lighting applications
refer to AN880). The load consists of a L-C series resonant circuit with the lamps connected across the
capacitors. This topology allows to operate in Zero Voltage Switching, to reduce the transistor switching
losses and the electromagnetic interference generated by the output wiring of the lamp.
The preheating of the lamp cathodes is achieved by a high switching frequency, about 80 kHz (R14,
C14), as current flows in the filaments, without lamp ignition. The preheating time is defined by the time
constant R12 C10. After this time has elapsed, the switching frequency decreases moving towards the
resonance one (L1/L2, C16/C17), thus increasing the voltage across the lamps and causing the ignition. In
steady state the frequency reaches 44 kHz (R14, C13+C14).
At start up, when the PFC is not running, the ballast controller (L6569) is powered by R9. When the bal-
last section is running, the current pump (C12, R13, D3 and DZ2) allows to start up the power factor sec-
tion and supply the overall circuit. This sequence prevents the activation of the PFC over voltage protec-
tion. In fact if the PFC starts first, it is not loaded as long as the ballast is not operating.
The application is provided with a safety circuitry that, in case of open load or ignition failure, shuts down
the supply of the two controllers. This fault condition is latched by the SCR until the mains is removed
and the turn-on sequence is repeated.
June 2002
®
AN991
APPLICATION NOTE
L6569 - L6561 LIGHTING APPLICATION WITH PFC
by I. Dal Santo, U. Moriconi
1/3


Similar Part No. - AN991

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN991 MICROCHIP-AN991 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
More results

Similar Description - AN991

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
LL-1443-20 JMK-LL-1443-20 Datasheet
707Kb / 3P
The LL-1443-20 filter has been developed for use with automotive electrical systems .
ZA-1536-10 JMK-ZA-1536-10 Datasheet
40Kb / 1P
The ZA-1536-10 filter has been designed to operate with the Mission power solutions ?쏝ADGER??power supply.
ZF-1438-30 JMK-ZF-1438-30 Datasheet
29Kb / 1P
The ZF-1438-30 filter has been designed to operate with telecommunication systems.
logo
Molex Electronics Ltd.
CITIZEN MOLEX10-CITIZEN Datasheet
1Mb / 3P
LED technology has been proven to reduce the amount
logo
STMicroelectronics
AN2684 STMICROELECTRONICS-AN2684 Datasheet
769Kb / 21P
The STEVAL-IFP006V1 demonstration board has been developed
20-May-2009
AN2985 STMICROELECTRONICS-AN2985 Datasheet
1Mb / 19P
The STEVAL-IFP010V3 demonstration board has been developed
07-Nov-2012
AN4009 STMICROELECTRONICS-AN4009 Datasheet
1Mb / 23P
The STEVAL-IFP019V1 demonstration board has been developed
10-Jan-2012
AN4085 STMICROELECTRONICS-AN4085 Datasheet
793Kb / 16P
STMicroelectronics has developed micro battery products
12-Feb-2015
AN2048 STMICROELECTRONICS-AN2048 Datasheet
620Kb / 13P
STMicroelectronics has been strongly
06-Feb-2008
logo
JMK Inc.
LL-1355-13BHT JMK-LL-1355-13BHT Datasheet
43Kb / 1P
The LL-1355-13BHT filter has been designed to operate with two VICOR Harmonic Attenuator Modules (HAM).
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com