Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN993 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 17Page - STMicroelectronics AN993 Datasheet HTML 18Page - STMicroelectronics AN993 Datasheet HTML 19Page - STMicroelectronics AN993 Datasheet HTML 20Page - STMicroelectronics AN993 Datasheet HTML 21Page - STMicroelectronics AN993 Datasheet HTML 22Page - STMicroelectronics AN993 Datasheet HTML 23Page - STMicroelectronics AN993 Datasheet HTML 24Page - STMicroelectronics AN993 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AN993
Design tips
Doc ID 5656 Rev 10
21/27
5
Design tips
5.1
Inductance and capacitor evaluation
To design an application with the L6574, a preliminary evaluation of the components can be
done by fixing the lamp type and its electrical characteristics only.
This evaluation is an "iterative" process because some assumptions have to be made that
need to be checked at the end of the process. Figure 19 shows a simplified schematic of the
load.
In Figure 19 r is the lamp filament resistance, rr is the operating lamp equivalent resistance
when the lamp is off or during preheating. rr is an open circuit.
First of all, one has to evaluate a proper inductance value.
L has to provide the right current value to the lamp when it is already ignited and is working
("choke" inductance). Therefore, L depends on the current required by the lamp, that is to
say on the lamp’s operating wattage and voltage, on the operating frequency fmin, but also
on the voltage across L and the lamp (Vb). The greater the Vb variation, the greater the
inductance required to give a constant current to the lamp. Vb variations are due to the high-
voltage bus variations and to the ripple on the half battery capacitor (Cb). The ripple
depends on the size of Cb and a proper hypothesis has to be done on it to estimate the
variation of Vb. Taking into account all this data and hypothesis, one can assume that during
an operating condition most of the current flows into the lamp, not into C, and all the power
delivered to the system is delivered to the lamp. Vlamp is the operating voltage across the
lamp and Plamp is the operating lamp wattage, so a good approximation to conduct the
choke inductance is:
Equation 16
The second step is the evaluation of the capacitance across the lamp (C).
Figure 19.
Simplified schematic of the lamp
AM01327v1
Cb
C
L
lamp
Cb
C
L
rr
r
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com