Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1007 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1007
Description  L6561 - BASED SWITCHER REPLACES MAG AMPS IN SILVER BOXES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1007 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1007 Datasheet HTML 1Page - STMicroelectronics AN1007 Datasheet HTML 2Page - STMicroelectronics AN1007 Datasheet HTML 3Page - STMicroelectronics AN1007 Datasheet HTML 4Page - STMicroelectronics AN1007 Datasheet HTML 5Page - STMicroelectronics AN1007 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mag amps have a number of drawbacks: they are expensive, bulky, slow, inefficient and, last but not
least, their design is not easy.
In this paper a switch-mode architecture is proposed as an alternative to mag amps. Basically, the satu-
rable core reactor is replaced by a power MOSFET. The control circuitry is based on a well-known 8-pin
controller IC, in this context used in a not conventional way: the PFC controller L6561.
The benefits of this architecture, which takes advantage of the current mode control offered by the
L6561, will be detailed in this paper and can be summarized as follows: much better performance at a
much lower cost.
Mag amps as secondary post-regulators
Figure 2 shows a block diagram of a mag amp regulator. It looks simple but there are several aspects of
the design that must be accounted for in order to ensure a proper operation.
In figure 3, a real example of a mag amp regulator for a 3.3V power rail is shown.
The TL431 acts as a reference voltage/error amplifier. The PNP transistor, driven by the amplified and
frequency-compensated error signal, acts as a controlled current generator that resets the mag amp
core through the auxiliary winding wound on it. The sense resistor Rsense is part of the current limiting
circuit, which includes also the overcurrent comparator with open collector output. The comparator,
when triggered, saturates the reset PNP transistor, thus delaying as much as possible the positive
pulses delivered downstream the reactor and limiting the overcurrent at the output.
Vout
BIAS AND
CONTROL
MAG AMP
REGULATOR
Figure 2. Mag amp regulator block diagram.
3.3V
Rsense
TL431
-
+
12 V
TO THE OUTPUT STAGE
OF THE 5V POWER RAIL
Figure 3. Mag amp regulator electrical schematic.
AN1007 APPLICATION NOTE
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com