Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1094 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1094
Description  Solution for off-line SMPS using VIPer100-E
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1094 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1094 Datasheet HTML 1Page - STMicroelectronics AN1094 Datasheet HTML 2Page - STMicroelectronics AN1094 Datasheet HTML 3Page - STMicroelectronics AN1094 Datasheet HTML 4Page - STMicroelectronics AN1094 Datasheet HTML 5Page - STMicroelectronics AN1094 Datasheet HTML 6Page - STMicroelectronics AN1094 Datasheet HTML 7Page - STMicroelectronics AN1094 Datasheet HTML 8Page - STMicroelectronics AN1094 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Board features
AN1094
4/9
1.1
VIPer100-E pin description
●
VDD: this is the low level supply pin of the device. At start-up, it delivers 2 mA of
charging current. It is also connected to the inverted input of the error amplifier.
●
Osc: to be connected to an external R-C network to fix the switching frequency.
●
Comp: the control pin of the device. Its voltage sets the peak current of the power
switch, and it is the output of the error amplifier. As this amplifier is transconductance,
the compensation network on that pin is simply grounded.
●
Drain & source: the two power pins of the device. The source is also the ground
reference of the device for compensation and oscillation networks.
2
Board features
●
AC input voltage: 90 ~ 265 Vac maximum output power: 50 W
●
DC output voltage / load: Vout = + 12 V, 4 A
●
Operating frequency: 100 kHz
●
Par. 3 gives the complete schematics of this off-line flyback converter.
2.1
Feedback loop
This evaluation board allows the user to choose between primary and secondary regulation.
Primary regulation is done through the primary auxiliary winding which delivers the low level
supply voltage on the Vdd pin of the device. This voltage represents also the secondary
output voltage, if correctly filtered in order to avoid the spikes at the beginning of each off
phase. This mode of running is achieved by putting one strap on JP1 in the "P" position.
Secondary regulation is made with an optocoupler directly from secondary output voltage. It
acts on the "COMP" pin, and the auxiliary winding is delivering the low level supply voltage
at a lower value than when in primary regulation configuration, thanks to R6. The internal
error amplifier is consequently saturated in high state, sourcing a constant current of about
0.5 mA on the "COMP" pin. To address this configuration, just put two straps on JP1 in the
"S" position. In any case, a strap in "G" position must be always present.
2.2
Special operations
No limitation has been set on the VIPer device. This limitation can be implemented on the
"COMP" pin with a zener or a Vbe multiplier, or whatever else able to clamp the voltage on
this pin at about 3 V. When the voltage is clamped, the evaluation board is able to deliver up
to 130 W of power, in continuous running. This operation must not last for more than 5
seconds. The evaluation board is fully protected against short circuits. This type of condition
leads to a burst operation, with peak current of up to 25 A on the output. As the burst duty
cycle is rather low, no risk exists and this situation can continue indefinitely. The board
withstands the no-load condition. Notice that in primary regulation, the output voltage rises
at about 20 V. Secondary regulation provides better behavior by maintaining the output
voltage at about 12 V, and has also the lowest consumption on the main lines: less than 1
watt on a 325 VDC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com