Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1214 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1214
Description  DESIGN TIPS FOR L6561 POWER FACTOR CORRECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1214 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1214 Datasheet HTML 1Page - STMicroelectronics AN1214 Datasheet HTML 2Page - STMicroelectronics AN1214 Datasheet HTML 3Page - STMicroelectronics AN1214 Datasheet HTML 4Page - STMicroelectronics AN1214 Datasheet HTML 5Page - STMicroelectronics AN1214 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AN1214 APPLICATION NOTE
4/6
of switching frequencies are available to be used. This helps minimize the effects of the internal propagation
delay as well as the offset of the current sense comparator. In this way the current will track the voltage wave-
form better, in particular near the zero-crossings. This, however, must be weighed against the size increase of
the inductor because a lower switching frequency implies a larger inductance value.
When determining the lowest frequency, it must be noted that switching below 15kHz is not recommended since
this may interfere with the internal starter.
A special construction technique of the inductor can offer the optimum compromise: one that allows the use of
a low inductance value so as to minimize inductor size and, at the same time, have a lower switching frequency
near zero-crossings. The price to pay for that is an additional step in the inductor manufacturing flow.
It is the so-called “step-gap core” technique: the centre leg of one half of the ferrite core is ground so that the
air gap thickness has a step change, as shown in fig. 6.
At low inductor current the small thinner part of the air gap dictates a high inductance value (L1). As current
increases above a certain value (IL1), the thinner part of the air gap will progressively saturate and the induc-
tance will drop to a value (L2<L1) determined by the thicker part of the air gap (lg). A non-linearity is deliberately
introduced so that, for a given switching frequency at the top of the rectified sinusoid - where current is high -
(that is, for a given L=L2), the switching frequency near the zero-crossings - where current is low - will not go
as high as with a linear inductor.
Figure 6. Step-gap ferrite grinding and its effect on inductance value
The appropriate height h and breadth b of the ferrite step (both of them determine L1 and IL1) for a given appli-
cation will be found empirically.
L
IL
L1
L2
IL1 IL2
"step-gap" h
b
core half
lg



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com