Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1215 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1215
Description  HOW TO HANDLE SHORT CIRCUIT CONDITIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1215 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1215 Datasheet HTML 1Page - STMicroelectronics AN1215 Datasheet HTML 2Page - STMicroelectronics AN1215 Datasheet HTML 3Page - STMicroelectronics AN1215 Datasheet HTML 4Page - STMicroelectronics AN1215 Datasheet HTML 5Page - STMicroelectronics AN1215 Datasheet HTML 6Page - STMicroelectronics AN1215 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AN1215 APPLICATION NOTE
4/7
This circuit has been implemented in a 45W, wide range
mains AC-DC Adapter with the L5991 [3] and the results
are shown in fig. 4.
Shutdown will be activated by injecting the current deliv-
ered by the PNP into pin 14 (DIS) so that the voltage at
the pin exceeds 2.5V. The resistor divider R5-R6 refers
to the circuit described in [3] and is part of the latched
OVP circuit. In case of a different value of R5, the collec-
tor resistor and the delay capacitor will be changed con-
sequently.
Besides increasing safety, the advantage of each of
these techniques is that heatsinking of the power parts
needs to be designed neglecting anomalous operating
conditions (overload or short circuit), with a considerable
saving of size and cost.
Conclusions
Pulse-by-pulse and hiccup mode current limitation are the ways ST's advanced PWM controllers L5991 and
L5993 handle overload and short circuit conditions. It has been shown that these two functions cover two differ-
ent fault categories: pulse-by-pulse does not allow the power throughput to rise out of control in case of a load
failure whereas hiccup usually protects against short circuits inside the converter itself (transformer, diodes)
where pulse-by-pulse is not effective.
Unlike hiccup, which dramatically reduces power throughput, pulse-by-pulse limitation little does about that,
thus forcing designers to oversize heatsinking of the critical parts for the sake of safety.
A simple and versatile circuit has been presented that helps overcome this problem and can be used to achieve
two common protection schemes, autorestart and shutdown, resulting in very low power dissipation.
As an appendix, a calculation method that helps evaluate whether a load short circuit can activate hiccup mode
protection or not in a given application, is provided.
REFERENCES
[1] "L5991/A Primary Controller with Standby" Datasheet
[2] "L5993 Constant Power Controller" Datasheet
[3] "45W AC-DC Adapter with Standby Function" (AN1134)
Figure 4. Input power vs. input voltage during
hiccup mode operation
L5991-based 45W AC-DC Adapter
Dead short at output
50
100
150
200
250
300
350
400
1
2
3
4
5
6
7
Vin [V]
Pin [W]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com