Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST303C1111 Datasheet(PDF) 2 Page - International Rectifier

Part # ST303C1111
Description  INVERTER GRADE THYRISTORS Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST303C1111 Datasheet(HTML) 2 Page - International Rectifier

  ST303C1111 Datasheet HTML 1Page - International Rectifier ST303C1111 Datasheet HTML 2Page - International Rectifier ST303C1111 Datasheet HTML 3Page - International Rectifier ST303C1111 Datasheet HTML 4Page - International Rectifier ST303C1111 Datasheet HTML 5Page - International Rectifier ST303C1111 Datasheet HTML 6Page - International Rectifier ST303C1111 Datasheet HTML 7Page - International Rectifier ST303C1111 Datasheet HTML 8Page - International Rectifier ST303C1111 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
620A
INVERTER GRADE THYRISTORS
Puk Version
ST303C..C SERIES
Bulletin I25172/A
case style TO-200AB (E-PUK)
Features
Metal case with ceramic insulator
International standard case TO-200AB (E-PUK)
All diffused design
Center amplifying gate
Guaranteed high dV/dt
Guaranteed high dI/dt
High surge current capability
Low thermal impedance
High speed performance
Typical Applications
Inverters
Choppers
Induction heating
All types of force-commutated converters
Major Ratings and Characteristics
(*) t
q
= 10 to 20µs for 400 to 800V devices
t
q
= 15 to 30µs for 1000 to 1200V devices
I
T(AV)
620
A
@ T
hs
55
°C
I
T(RMS)
1180
A
@ T
hs
25
°C
I
TSM
@ 50Hz
7950
A
@ 60Hz
8320
A
I
2t
@ 50Hz
316
KA
2s
@ 60Hz
289
KA
2s
V
DRM
/V
RRM
400 to 1200
V
t
q
range (*)
10 to 30
µs
T
J
- 40 to 125
°
C
Parameters
ST303C..C
Units
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com