Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1660 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1660
Description  ZVS RESONANT CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1660 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1660 Datasheet HTML 1Page - STMicroelectronics AN1660 Datasheet HTML 2Page - STMicroelectronics AN1660 Datasheet HTML 3Page - STMicroelectronics AN1660 Datasheet HTML 4Page - STMicroelectronics AN1660 Datasheet HTML 5Page - STMicroelectronics AN1660 Datasheet HTML 6Page - STMicroelectronics AN1660 Datasheet HTML 7Page - STMicroelectronics AN1660 Datasheet HTML 8Page - STMicroelectronics AN1660 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AN1660 APPLICATION NOTE
4/13
2
L6598 DEVICE DESCRIPTION
The L6598 is an integrated circuit realised in BCD OFF-LINE technology. Able to drive POWER MOS or
IGBT, in half bridge topology, the L6598 is provided with all the features (such as VCO, SOFT-START,
OP-AMP and ENABLES) needed to implement and control properly a resonant SMPS with a minimum
components count. Even though the device is able to withstand high voltage (up to 600V), it can operate
at low voltage starting from its operative supply.
Table 1. Device Pins Description
Pin N°
Name
Function
1CSS
Soft Start Timing Capacitor. The capacitor CSS sets the soft start time, according to the rela-
tions: TSS = kSSCSS (typ. kSS = 0.15 s/µF). During tSS the capacitor is charged by means of a
current which depends on Rfstart value (i.e. on the difference between fstart and fmin). In this
way TSS is always set at kSSCSS (i.e. TSS depends only by CSS). In steady state the voltage at
pin 1 is 5V.
2Rfstart
Maximum Oscillation Frequency Setting. The resistance connected between this pin and ground
sets the fstart value, fixing the difference between fstart and fmin (fstart > fmin). The voltage at this
pin is fixed at VREF = 2V, and so Rfstart set the Ifstart current equal to VREF/Rfstart. The mini-
mum Rfstart value which can be connected to this pin is 25 kOhm.
3Cf
Oscillator Frequency Setting. The capacitor CF, along with to Rfstart and Rfmin, sets fstart and
fmin. In normal operation this pin shows a triangular wave.
4Rfmin
Minimum Oscillation Frequency Setting. The resistance connected between this pin and ground
sets the fmin value. The voltage at this pin is fixed at VREF = 2V, and so Rfmin set the Ifmin cur-
rent equal to VREF/Rfmin. The minimum Rfmin value which can be connected to this pin is 25
kOhm.
5OPout
Out of the operational amplifier. To implement a feedback control loop this pin can be connected
to the Rfmin pin by means an appropriate circuitry.
6OPon-
Inverting Input of the operational amplifier.
7OPon+
Non Inverting Input of the operational amplifier.
8
EN1
Enable 1. This pin (active high), forces the device in a latched shutdown state (like in the under
voltage conditions). There are two ways to resume normal operation.
The first is to reduce the supply voltage below the undervoltage threshold and then increase it
again until the valid supply is recognized. The second is activating EN2 input. The enable 1 is
especially designed for strong fault (e.g. in case of short circuit).
9
EN2
Enable 2. EN2 input (active high) restarts the start-up procedure (soft-start sequence).
10
GND
Ground
11
LVG
Low Side Driver Output. This pin must be connected to the low side power MOSFET gate of the
half bridge. A resistor connected between this pin and the power MOS gate can be used to
reduce the peak current.
12
Vs
Supply Voltage. This pin, connected to the supply filter capacitor, is internally clamped (15.6V
typical).
13
N.C.
Not Connected. It ensures the insulation between the high voltage section and the low voltage
one.
14
OUT
High Side Driver Floating Reference. This pin must be connected close to the source of the high
side power MOS or IGBT.
15
HVG
High Side Driver Output. This pin must be connected to the high side power MOSFET gate of the
half bridge. A resistor connected between this pin and the power MOS gate can be used to
reduce the peak current.
16
Vboot
Bootstrapped Supply Voltage. Between this pin and VS must be connected the bootstrap capac-
itor. A patented integrated circuitry replaces the high voltage external diode. This features is
achieved by means of a high voltage DMOS, synchronously driven with the low side power MOS-
FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com