Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1686 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1686
Description  AN L5991-BASED CONVERTER WITH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1686 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1686 Datasheet HTML 1Page - STMicroelectronics AN1686 Datasheet HTML 2Page - STMicroelectronics AN1686 Datasheet HTML 3Page - STMicroelectronics AN1686 Datasheet HTML 4Page - STMicroelectronics AN1686 Datasheet HTML 5Page - STMicroelectronics AN1686 Datasheet HTML 6Page - STMicroelectronics AN1686 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AN1686 APPLICATION NOTE
4/7
reduced by 18%, which means that the core losses will be reduced by about 38%. The estimated total loss in-
crease is only 0.1 W, hence the hot-spot temperature increase (as compared to the original design) should be
under 3 °C. It is then not necessary to change the wire size.
The specification of the modified transformer is summarized in Table 2.
Table 3. List of modifications to the original design
Input voltage compensation. R3 and R4 compensate for the internal propagation delay of the PWM block to
achieve an actual overcurrent setpoint independent of the input voltage. Their value is directly proportional to
the sense resistor R15 and inversely to the primary inductance. Since both parameters are changed R3 and R4
needs adjustment. The new value for each of them will be 2.2 M
Ω ·(0.319/0.47)·(400/360)=1.6 MΩ.
Table 3 summarizes all of the modifications described in this paragraph.
Circuit for delayed shutdown upon overpower/short circuit
The objective of the circuit of figure 2 is to provide a double programmable delay before shutting down the L5991
following on either an overload (a longer delay) or a short circuit (a shorter delay).
Figure 2. Circuit for delayed shutdown upon overpower/short circuit: electrical schematic
R23 and R24 define a voltage threshold, which the output of the E/A (COMP) will be compared to. If the L5991
is running at normal frequency, that is, the pin ST-BY is internally connected to the 5V reference VREF, Q2 is
ON and the voltage at pin 2 of the LM393 is:
(1)
If the L5991 is running at low frequency (because of a light load) the pin ST-BY is floating and, being connected
to the oscillator through a resistor [2], oscillates between 1 and 3 V, well below the threshold of the zener D6.
Q2 is then OFF and V2 equals VREF, hence the voltage at pin COMP, V(COMP), cannot exceed V2 as long as
Part
Original value
New Value
Note
C1
100 µF
150 µF
R15
0.47
Ω
0.319
Ω = (0.47 Ω // 1 Ω)
Same power rating
T1
See [1]
See table 2
R2, R3
2.2 M
Ω
1.6 M
Ω
Same power rating
4
VREF
D7
1N4148
7
DIS
COMP
8
2
3
1
6
5
IC3A
LM393
IC3B
LM393
Q1
BC327
R23
10 k
Ω
R24
24 k
Ω
R25
4.3 k
Ω
R26
100 k
Ω
R27
22 k
Ω
C18
10 µF
ST-BY
Q2
BC337
D6
4V7
R28
3.3 k
Ω
V2
VREF
R24
R23
R24
+
-----------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com