Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2201 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGL2201
Description  Wideband Dual Stage VPIN Limiter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2201 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGL2201 Datasheet HTML 1Page - TriQuint Semiconductor TGL2201 Datasheet HTML 2Page - TriQuint Semiconductor TGL2201 Datasheet HTML 3Page - TriQuint Semiconductor TGL2201 Datasheet HTML 4Page - TriQuint Semiconductor TGL2201 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Data Sheet
November 15, 2006
TGL2201
TABLE I
MAXIMUM RATINGS
Symbol
Parameter 1/
Value
PIN
Input Continuous Wave Power
37 dBm
TM
Mounting Temperature
(30 Seconds)
320
0C
TSTG
Storage Temperature
-65 to 150
0C
1/
These ratings represent the maximum operable
values for this device
TABLE II
DC CHARACTERISTICS
(TA = 25
�C)
Symbol
Parameter
Limit
Units
Min
Max
FWD_RES (D1, D2, D3, D4)
Resistance Forward
1.9
3.9
Ohm
VREV(D1,D4)
Reverse Voltage
-60
-30
V
TABLE III
RF CHARACTERISTICS
(TA = 25
�C)
Symbol
Parameter
Test Condition
Limit
Units
Min
Typ
Max
IL
Insertion Loss
F = 4-20 GHz
--
0.5
1.0
dB
IRL
Input Return Loss F = 4-20 GHz
12
--
--
dB
ORL
Output Return
Loss
F = 4-20 GHz
12
--
--
dB
PWR
Output Power @
Pin = 27 dBm
F = 6.0 GHz
F = 16.0 GHz
--
--
--
--
20
20
dBm
dBm
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com