Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST380CH Datasheet(PDF) 2 Page - International Rectifier

Part # ST380CH
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST380CH Datasheet(HTML) 2 Page - International Rectifier

  ST380CH Datasheet HTML 1Page - International Rectifier ST380CH Datasheet HTML 2Page - International Rectifier ST380CH Datasheet HTML 3Page - International Rectifier ST380CH Datasheet HTML 4Page - International Rectifier ST380CH Datasheet HTML 5Page - International Rectifier ST380CH Datasheet HTML 6Page - International Rectifier ST380CH Datasheet HTML 7Page - International Rectifier ST380CH Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
960A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST380CH..C SERIES
D-375
Bulletin I25169/B
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
960
A
@ T
hs
80
°C
I
T(RMS)
2220
A
@ Ths
25
°C
I
TSM
@ 50Hz
12500
A
@ 60Hz
13000
A
I
2t
@ 50Hz
782
KA
2s
@ 60Hz
713
KA
2s
V
DRM
/V
RRM
400 to 600
V
t
q
typical
100
µs
T
J
- 40 to 150
°C
Parameters
ST380CH..C
Units
Major Ratings and Characteristics
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case TO-200AB (E-PUK)
Low profile hockey-puk to increase current-carrying capability
Extended temperature range
case style TO-200AB (E-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com