Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N30630M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N30630M
Description  Duplex Multimode 62.5-125 Fiber Patch Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N30630M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N30630M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N30630M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(SC/SC), 30M (100-ft.)
MODEL NUMBER: N306-30M
Description
Tripp Lite's 30 Meter ( 100ft ) multimode duplex fiber optic SC/SC patch cable is manufactured from 62.5/125 zipcord fiber. The cable has SC connectors on
each end, a PVC jacket and is FDDI and OFNR rated. duplex multimode fiber is most commonly used in LAN applications.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
PVC jacket
Length: 30 Meter ( 100ft ) Connectors: 2 SC connectors on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
98
Cable Length (m)
30
Highlights
Premium PVC 62.5/125µm
multimode patch cables
Attenuation loss meets or
exceeds the latest industry
standards
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with SC/SC connectors
Package Includes
30 Meter (100ft) duplex MMF
cable SC/SC 62.5/125 fiber
1 / 2


Similar Part No. - N30630M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N306-001 TRIPPLITE-N306-001 Datasheet
164Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (SC/SC), 0.3M (1-ft.)
N306-002 TRIPPLITE-N306-002 Datasheet
164Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (SC/SC), 0.6M (2-ft.)
logo
List of Unclassifed Man...
N306-003 ETC2-N306-003 Datasheet
485Kb / 3P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
logo
Tripp Lite. All Rights ...
N306-003 TRIPPLITE-N306-003 Datasheet
164Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (SC/SC), 1M (3-ft.)
N306-004 TRIPPLITE-N306-004 Datasheet
164Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (SC/SC), 1.2M (4-ft.)
More results

Similar Description - N30630M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N30808M TRIPPLITE-N30808M Datasheet
472Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31011M TRIPPLITE-N31011M Datasheet
471Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31015M TRIPPLITE-N31015M Datasheet
472Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31030M TRIPPLITE-N31030M Datasheet
473Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31201M TRIPPLITE-N31201M Datasheet
480Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31403M TRIPPLITE-N31403M Datasheet
477Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31601M TRIPPLITE-N31601M Datasheet
476Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31602M TRIPPLITE-N31602M Datasheet
476Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31605M TRIPPLITE-N31605M Datasheet
475Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N310003 TRIPPLITE-N310003 Datasheet
470Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com