Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7350 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7350
Description  Power MOSFET(Vdss=-100V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350 Datasheet(HTML) 1 Page - International Rectifier

  IRF7350 Datasheet HTML 1Page - International Rectifier IRF7350 Datasheet HTML 2Page - International Rectifier IRF7350 Datasheet HTML 3Page - International Rectifier IRF7350 Datasheet HTML 4Page - International Rectifier IRF7350 Datasheet HTML 5Page - International Rectifier IRF7350 Datasheet HTML 6Page - International Rectifier IRF7350 Datasheet HTML 7Page - International Rectifier IRF7350 Datasheet HTML 8Page - International Rectifier IRF7350 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HEXFET® Power MOSFET
Description
08/09/01
www.irf.com
1
IRF7350
SO-8
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
ƒ
–––
62.5
°C/W
Thermal Resistance
N-Ch
P-Ch
VDSS 100V
-100V
RDS(on) 0.21Ω
0.48
Ω
D1
N- CHA NNE L M O S FE T
P -CHA NNE L M O S F E T
D1
D2
D2
G1
S2
G2
S1
T op V iew
8
1
2
3
4
5
6
7
These dual N and P channel HEXFET® power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET® power MOSFETs are
well known for, provides the designer with an extremely efficient and reliable
device for use in DC motor drives and load management applications.
The SO-8 has been modified through a customized leadframe for enhanced
thermal characteristics and multiple-die capability making it ideal in a variety
of power applications. With these improvements, multiple devices can be
used in an application with dramatically reduced board space. The package
is designed for vapor phase, infra red, or wave soldering techniques.
l Ultra Low On-Resistance
l Dual N and P Channel MOSFET
l Surface Mount
l Available in Tape and Reel
Parameter
Units
A
Absolute Maximum Ratings
Max.
N-Channel
P-Channel
VDS
Drain-to-Source Voltage
100
-100
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
2.1
-1.5
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
1.7
-1.2
IDM
Pulsed Drain Current

8.4
-6.0
PD @TA = 25°C
Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
EAS
Single Pulse Avalanche Energy
„
35
51
mJ
VGS
Gate-to-Source Voltage
± 20
± 20
V
dv/dt
Peak Diode Recovery dv/dt
‚
4.0
4.3
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
PD - 94226B


Similar Part No. - IRF7350

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7350PBF IRF-IRF7350PBF Datasheet
308Kb / 16P
HEXFET짰 Power MOSFET
IRF7350PBF IRF-IRF7350PBF Datasheet
314Kb / 16P
Ultra Low On-Resistance
IRF7350TRPBF IRF-IRF7350TRPBF Datasheet
314Kb / 16P
Ultra Low On-Resistance
More results

Similar Description - IRF7350

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF520V IRF-IRF520V Datasheet
200Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210S IRF-IRF5210S Datasheet
186Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF540NS IRF-IRF540NS Datasheet
125Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF7473 IRF-IRF7473 Datasheet
196Kb / 8P
Power MOSFET(Vdss=100V, iD=6.9A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFD120 IRF-IRFD120 Datasheet
176Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
IRFRU3910 IRF-IRFRU3910 Datasheet
141Kb / 10P
Power MOSFET(Vdss=100V, Rds=0.115ohm, Id=16A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com