Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR3103 Datasheet(PDF) 9 Page - International Rectifier

Part # IRLR3103
Description  Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3103 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRLR3103 Datasheet HTML 2Page - International Rectifier IRLR3103 Datasheet HTML 3Page - International Rectifier IRLR3103 Datasheet HTML 4Page - International Rectifier IRLR3103 Datasheet HTML 5Page - International Rectifier IRLR3103 Datasheet HTML 6Page - International Rectifier IRLR3103 Datasheet HTML 7Page - International Rectifier IRLR3103 Datasheet HTML 8Page - International Rectifier IRLR3103 Datasheet HTML 9Page - International Rectifier IRLR3103 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRLR/U3103
Package Outline
TO-251AA Outline
Dimensions are shown in millimeters (inches)
TO-251AA (I-PARK)
Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
6.22 ( .245)
5.97 ( .235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M A M B
2.28 (.090)
1.14 (.045)
0.76 (.030)
5.46 (.215)
5.21 (.205)
1.27 ( .050)
0.88 ( .035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
LEAD AS SIG NMENT S
1 - G AT E
2 - DRA IN
3 - S OURCE
4 - DRA IN
NOT ES :
1 DIME NSIO NING & T OLE RANCING P ER A NSI Y14.5M, 1982.
2 CO NTRO LLIN G DIMENS ION : INCH.
3 CO NFO RMS TO J EDE C O UT LINE TO -252AA .
4 DIME NSIO NS SHOW N A RE BEF O RE SO LDER DIP ,
SO LDER DIP MA X. +0.16 (.006).
9.65 (.380)
8.89 (.350)
2X
3X
2.28 (.090)
1.91 (.075)
1.52 ( .060)
1.15 ( .045)
4
1
2
3
6.45 (.245)
5.68 (.224)
0.58 (.023)
0.46 (.018)
INT E RN AT ION A L
R EC T IFIER
LO GO
ASSEMBL Y
L OT
C OD E
F IRS T P O RT IO N
O F PART NUM BE R
SECOND PO RTIO N
OF PART NUMBER
12 0
9U
1P
E XA M P LE : TH IS IS A N IR FU 1 20
W ITH A S SE M B LY
L O T C OD E 9 U1 P
IRF U



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com