Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST700C18L2 Datasheet(PDF) 5 Page - International Rectifier

Part # ST700C18L2
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST700C18L2 Datasheet(HTML) 5 Page - International Rectifier

  ST700C18L2 Datasheet HTML 1Page - International Rectifier ST700C18L2 Datasheet HTML 2Page - International Rectifier ST700C18L2 Datasheet HTML 3Page - International Rectifier ST700C18L2 Datasheet HTML 4Page - International Rectifier ST700C18L2 Datasheet HTML 5Page - International Rectifier ST700C18L2 Datasheet HTML 6Page - International Rectifier ST700C18L2 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST700C..L Series
5
www.irf.com
Bulletin I25190 rev. D 04/00
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
1 00
200
300
4 0 0
500
6 0 0
7 00
30°
60°
90°
1 20°
180°
A v er a g e O n -st a t e C u rre n t ( A )
Co nd uctio n A ng le
S T 700C ..L Se ries
( S in gle S id e C o o led )
R
( D C ) = 0 .0 7 3 K/ W
th J -hs
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
2 00
40 0
6 00
800
10 00
DC
30 °
60 °
90 °
120 °
180 °
A v era ge O n - sta t e C u rre n t ( A )
C on d uc tion Pe riod
ST 70 0C ..L S e r ies
( S in g le Sid e C o o le d )
R
( D C ) = 0 .0 7 3 K/ W
th J -hs
Outline Table
TWO PLACES
PIN RECEPTACLE
AMP. 60598-1
0.7 (0.03) MIN.
34 (1.34) DIA. MAX.
53 (2.09) DIA. MAX.
2 HOLES DIA. 3.5 (0.14) x
2.5 (0.1) DEEP
4.7 (0.18)
0.7 (0.03) MIN.
6.2 (0.24) MIN.
20°± 5°
36.5 (1.44)
CREPAGE DISTANCE 36.33 (1.430) MIN.
STRIKE DISTANCE 17.43 (0.686) MIN.
Case Style TO-200AC (B-PUK)
All dimensions in millimeters (inches)
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com