Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1620 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1620
Description  25W OFF-LINE AUTORANGING BATTERY CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1620 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1620 Datasheet HTML 1Page - STMicroelectronics AN1620 Datasheet HTML 2Page - STMicroelectronics AN1620 Datasheet HTML 3Page - STMicroelectronics AN1620 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
AN1620
APPLICATION NOTE
November 2002
INTRODUCTION
This note describes an off-line autoranging (85Vac-264Vac) battery charger designed to operate in three differ-
ent functional modes:
– constant voltage
– constant current
– constant power
These requirements are typical of battery chargers for notebook computers.
The resulting output characteristic of the system is shown in fig 1.
The A-B portion of the V-I characteristic is a constant voltage mode. This situation happen when the battery
pack is almost completely charged. Vo has to be set at the final value of the battery pack. From point B to C the
charger operates in constant power mode, reducing the output voltage while increasing the output current.
The benefit of introducing the constant power mode is that the maximum output power is lower with respect to
the power output at point E. This reduces the power managed by the primary circuitry and in consequence re-
duces the total dissipation power. This is a useful improvement considering that the complete system is pack-
aged in a plastic case with a very limited capability of dissipating heat.
From point C to D the adapter works in constant current mode until the output voltage reaches 0V.
In practice it is difficult to have a constant current characteristic below an output voltage of 2-3V because the
primary auxiliary supply voltage drops at the controller turn-off threshold (internally fixed at 7.6V typ.) and the
V-I characteristic exhibit a foldback to zero.
If mandatory to operate in constant current mode till 0V, a secondary post-regular or other tricky solutions on
the windings, primary or secondary, are required.
Fig 2 shows the V-I characteristic obtained with the circuit of Fig 3.
ELECTRICAL SPECIFICATION:
Input voltage
85Vac to 264Vac
Regulated output voltage
18V
Maximum output power
25W
Switching frequency
100kHz
Target efficiency @ full load
>80%
Topology
discontinuous current mode flyback
Fig 3 shows the electrical circuit.
Figure 1. V-I output characteristic
Figure 2. Practical V-I characteristics
AB
E
C
DI
V
D96IN437
0
0.5
1.0
1.5
2.0
IO
0
5
10
15
VO
D96IN439
Vin=220VAC
Vin=110VAC
by Domenico Arrigo
25W OFF-LINE AUTORANGING BATTERY CHARGER
WITH L5991A


Similar Part No. - AN1620

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1620 ARISTA-AN1620 Datasheet
1Mb / 50P
Quick Start Guide 7280CR2x-30 Series 1 RU Data Center Switches
More results

Similar Description - AN1620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1890 TI-UCC1890 Datasheet
215Kb / 8P
Off-Line Battery Charger Circuit
logo
Analog Devices
ADP3810 AD-ADP3810 Datasheet
457Kb / 16P
Secondary Side, Off-Line Battery Charger Controllers
REV.0
logo
BCD Semiconductor Manuf...
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
Low Power PWM Controller for OFF-LINE Battery Charger
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
logo
Texas Instruments
UCC1890 TI1-UCC1890_08 Datasheet
242Kb / 9P
Off-Line Battery Charger Circuit
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com