Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1723 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1723
Description  Designing with the L5973AD high efficiency DC-DC converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1723 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1723 Datasheet HTML 16Page - STMicroelectronics AN1723 Datasheet HTML 17Page - STMicroelectronics AN1723 Datasheet HTML 18Page - STMicroelectronics AN1723 Datasheet HTML 19Page - STMicroelectronics AN1723 Datasheet HTML 20Page - STMicroelectronics AN1723 Datasheet HTML 21Page - STMicroelectronics AN1723 Datasheet HTML 22Page - STMicroelectronics AN1723 Datasheet HTML 23Page - STMicroelectronics AN1723 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Application ideas
AN1723
22/24
Doc ID 9553 Rev 4
7.6
External soft-start network
At startup, the device can quickly increase the current up to the current limit in order to
charge the output capacitor. If a soft ramp-up of the output voltage is required, an external
soft-start network can be implemented as shown in Figure 24.
The capacitor C is charged up to an external reference (through R), and the BJT clamps the
COMP pin. This clamps the duty cycle, limiting the slew rate of the output voltage.
Figure 24.
Soft-start network example
AM11331v1
VIN
Vcc
COMP
GND
OUT
FB
INH
SYNC
VREF
1
3
7
5
6
4
8
2
L5973AD
VOUT
VREF
R=4K7
C=2.7nF
BC327
VIN = 4.4V to 25V
Vcc
COMP
GND
OUT
FB
INH
SYNC
VREF
1
3
7
5
6
4
8
2
L5973AD
VOUT = 3.3V
VREF
R=4K7
VREF
R=4K7
C=2.7nF
BC327
C1
10uF
25
Ceramic
C4
22nF
C3
220pF
R3
4K7
R1
5K6
R2
4K7
L1
15uH
STPS3400
C2
330uF
6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com