Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1762 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1762
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1762 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1762 Datasheet HTML 1Page - STMicroelectronics AN1762 Datasheet HTML 2Page - STMicroelectronics AN1762 Datasheet HTML 3Page - STMicroelectronics AN1762 Datasheet HTML 4Page - STMicroelectronics AN1762 Datasheet HTML 5Page - STMicroelectronics AN1762 Datasheet HTML 6Page - STMicroelectronics AN1762 Datasheet HTML 7Page - STMicroelectronics AN1762 Datasheet HTML 8Page - STMicroelectronics AN1762 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1/53
AN1762
APPLICATION NOTE
December 2003
1
INTRODUCTION
The L6205, L6206, L6207 are highly integrated, mixed-signal power ICs that allow the user to easily design a
control system for two-phase bipolar stepper motors, multiple DC motors and a wide range of inductive loads.
Figure 1 to Figure 3 show the L6205, L6206, L6207 block diagrams. Each IC integrates eight Power DMOS plus
other added features for safe operation and flexibility. The L6207 also features a constant tOFF PWM current
control technique (
Synchronous mode) for each of the two full bridges.
Figure 1. L6205 block diagram.
D99IN1091A
GATE
LOGIC
OVER
CURRENT
DETECTION
OVER
CURRENT
DETECTION
GATE
LOGIC
VCP
VBOOT
ENA
IN1A
IN2A
ENB
IN1B
IN2B
VBOOT
5V
10V
VSA
V
SB
OUT1A
OUT2A
OUT1B
OUT2B
SENSEA
CHARGE
PUMP
VOLTAGE
REGULATOR
THERMAL
PROTECTION
VBOOT
VBOOT
10V
10V
BRIDGE A
BRIDGE B
SENSEB
OCDA
OCDB
by Vincenzo Marano
L6205, L6206, L6207 DUAL FULL BRIDGE DRIVERS
Modern motion control applications need more flexibility that can be addressed only with specialized IC
products. The L6205, L6206, L6207 are dual full bridge drivers ICs specifically developed to drive a wide
range of motors. These ICs are one-chip cost effective solutions that include several unique circuit design
features. These features allow the devices to be used in many applications including DC and stepper motor
driving. The principal aim of this development project was to produce easy to use, fully protected power ICs.
In addition several key functions such as protection circuit and PWM current control drastically reduce exter-
nal components count to meet requirements for many different applications.


Similar Part No. - AN1762

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1762 ARISTA-AN1762 Datasheet
1Mb / 37P
720XP 1RU Cognitive Campus Switches
More results

Similar Description - AN1762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
APPLICATION NOTE
REV.0
logo
Vectron International, ...
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
Application Note
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
Application Note
AN-1136 IRF-AN-1136 Datasheet
2Mb / 26P
Application Note
AN-983 IRF-AN-983 Datasheet
1Mb / 16P
Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com