Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1842 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics AN1842 Datasheet HTML 11Page - STMicroelectronics AN1842 Datasheet HTML 12Page - STMicroelectronics AN1842 Datasheet HTML 13Page - STMicroelectronics AN1842 Datasheet HTML 14Page - STMicroelectronics AN1842 Datasheet HTML 15Page - STMicroelectronics AN1842 Datasheet HTML 16Page - STMicroelectronics AN1842 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AN1842 APPLICATION NOTE
14/17
References
[1] "L5991 Data Sheet"
[2] "AN1537: A simple trick enhances L5991's standby function"
ANNEX1: Transformer spec
Transformer General Description
APPLICATION TYPE:
Consumer, Home Appliance
TRANSFORMER TYPE:
Open, Varnished only
WINDING TYPE
Slot
COIL FORMER:
Vertical type, 7+7 pins
MAX. TEMP. RISE:
45°C
MAX. OPERATING AMB. TEMP. : 60°C
MAINS INSULATION:
ACC. WITH EN60065 - EN60950
Electrical Characteristics
CORE TYPE/GRADE:
ETD34 - 3C90 or equivalent
PRIMARY INDUCTANCE:
825
µH ±10% @1KHz - 0.25V
LEAKAGE INDUCTANCE:
15
µH MAX @ 10KHz - 0.25V
[1]
PEAK PRIMARY CURRENT:
2 Apk
[1]: Measured between pins 3-7 with all secondary shorted
PROVIDED BY PULSE-ELDOR
P/N: 2074.5056C
Figure 27. Electrical Diagram
3
7
PRIM.
11
13
AUX
12
10
2-
6-
+5V
PRIMARY
SECONDARY
PINS:
DC OUTPUT
VOLTAGE:
RMS
CURRENT:
NUMBER OF
TURNS:
7-3
PRIMARY
0.84 ARMS
53
2/4-6/8
5V
2.6 ARMS
3
12-10
12V
5.3 ARMS
7
11-13
15V (AUX)
0.05 ARMS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com