Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2042 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2042 Datasheet HTML 6Page - STMicroelectronics AN2042 Datasheet HTML 7Page - STMicroelectronics AN2042 Datasheet HTML 8Page - STMicroelectronics AN2042 Datasheet HTML 9Page - STMicroelectronics AN2042 Datasheet HTML 10Page - STMicroelectronics AN2042 Datasheet HTML 11Page - STMicroelectronics AN2042 Datasheet HTML 12Page - STMicroelectronics AN2042 Datasheet HTML 13Page - STMicroelectronics AN2042 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
New dimming technique
AN2042
10/30
Figure 8.
Dimming technique using series switch
To overcome this problem, a patented solution has been implemented, which allows to
eliminate the series switch, with a considerable improvement in terms of efficiency.
The new technique consists in a double control loop: a current and a voltage control loops.
The first one drives the LEDs with constant current when the maximum luminosity is
required. During the dimming operation, the current control loop will still limit the maximum
output current, while the voltage loop will maintain the output voltage below the threshold
voltage of the LEDs array. Also disconnecting the LEDs, the maximum output voltage will be
limited by the voltage loop. In Figure 9 and Figure 10 the block diagram of the new dimming
technique and the temporal diagrams are respectively shown. Thanks to the absence of the
power switch, it is possible to have a more efficient and cheaper solution.
Figure 9.
Dimming technique using the new methodology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com