Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2052 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2052
Description  This report describes how the frequency modulation reduces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2052 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2052 Datasheet HTML 5Page - STMicroelectronics AN2052 Datasheet HTML 6Page - STMicroelectronics AN2052 Datasheet HTML 7Page - STMicroelectronics AN2052 Datasheet HTML 8Page - STMicroelectronics AN2052 Datasheet HTML 9Page - STMicroelectronics AN2052 Datasheet HTML 10Page - STMicroelectronics AN2052 Datasheet HTML 11Page - STMicroelectronics AN2052 Datasheet HTML 12Page - STMicroelectronics AN2052 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Optimization of external oscillator
AN2052
10/13
DocID10909 Rev 2
4
Optimization of external oscillator
Targeted to lower down the average value of EMI noise, the PWM must go through the
whole frequency range within the testing time. In other words, the FM cycle is as short
as possible. On the other hand, since the PWM signal is modulated by the FM cycle
and switching cycle, to avoid audible noise, FM frequency should be lower than 2 kHz.
In fact the average data of configuration “B”, 700 Hz oscillator, are lower than the
configuration “A”, 50 Hz oscillator.
Another drawback of configuration “A” is the dependency on AC mains, which can be an
issue in the transformer design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com