Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2067 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2067
Description  LED manufacturers propose white LEDs inside a monolithic chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2067 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2067 Datasheet HTML 17Page - STMicroelectronics AN2067 Datasheet HTML 18Page - STMicroelectronics AN2067 Datasheet HTML 19Page - STMicroelectronics AN2067 Datasheet HTML 20Page - STMicroelectronics AN2067 Datasheet HTML 21Page - STMicroelectronics AN2067 Datasheet HTML 22Page - STMicroelectronics AN2067 Datasheet HTML 23Page - STMicroelectronics AN2067 Datasheet HTML 24Page - STMicroelectronics AN2067 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Bill of material
AN2067
22/25
DocID10973 Rev 2
7
Bill of material
The Table 3 presents the bill of material of the application.
Table 3. Bill of material
Symbol
Description
Quantity
BR1
1 A/500 V
1
C1
100 n/400 V
1
C2
100 n/400 V
1
C3
100 u/400 V/159 PUL-SI
1
C4
1 nF/250 V
1
C5
1 µF/100 V/RLI135
1
C8
4.7 nF
1
C9
470 nF
1
C10
100 nF
1
C11
4.7 nF
1
C12
22 µF/25 V
1
C104
NC
1
C105
NC
1
C107
NC
1
C110
10 uF/63 V
1
C111
100 nF
1
C112
220 uF/63 V/RLI 135
1
C113
22 nF
1
C114
100 nF
1
C121
22 uF/40 V
1
C131
10 nF
1
COR1
Corner
1
COR2
Corner
1
COR3
Corner
1
COR4
Corner
1
COR5
Corner
1
COR6
Corner
1
CTN1
1
C_YCAP
2.2 n/2 kV
1
D2
BAS21
1
D4
EBR44-600
1
D101
STTH302
1
D122
BAS21
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com