Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2093 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2093
Description  BUCK CONVERTERS FOR HDD POWER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2093 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2093 Datasheet HTML 1Page - STMicroelectronics AN2093 Datasheet HTML 2Page - STMicroelectronics AN2093 Datasheet HTML 3Page - STMicroelectronics AN2093 Datasheet HTML 4Page - STMicroelectronics AN2093 Datasheet HTML 5Page - STMicroelectronics AN2093 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1. ABSTRACT
The ST1S03 is a step down DC-DC converter optimized for powering the low-voltage digital core in HDD
applications and, generally, replacing the high current linear solution when the power dissipation may
cause excessive heating of the application environment. It provides up to 1.5A over an input voltage range
of 3V to 16V. A high switching frequency (1.5MHz) allows the use of tiny surface-mount components, as
well as the use of a resistor divider to set the output voltage value. Only an inductor, a Schottky diode and
two capacitors are required. Besides, a low output ripple is guaranteed by the current mode PWM
topology and by the use of low E.S.R. SMD ceramic capacitors. The device is thermal protected and
current limited to prevent damages due to accidental short circuit. The ST1S03 is available in DFN6 (3x3)
package.
Figure 1: Assembled Board
2. INTRODUCTION
Purpose of this application note is to provide a brief summary of the specifications and the functionality of
the application board.
The ST1S03 is an adjustable current mode PWM step-down DC/DC converter with internal 1.5A power
switch.
It is a complete 1.5A switching regulator with an internal compensation that eliminates additional
components.
The constant frequency, current mode, PWM architecture and stable operation with ceramic capacitors
results in a low, predictable output ripple. In order to maintain the regulation with light load, the device
starts to work in pulse skipping. In a typical application where the input voltage is 5V and Vout is 1.2V, the
device goes in pulse skipping for Iout lower than 15mA.
December 2004
1/6
AN2093
APPLICATION NOTE
ST1S03
BUCK CONVERTERS FOR HDD POWER SUPPLIES
Rev. 2


Similar Part No. - AN2093

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN209 ETC-AN209 Datasheet
151Kb / 14P
Using Terminator Technology in Stratix & Stratix GX Devices
logo
STMicroelectronics
AN2099 STMICROELECTRONICS-AN2099 Datasheet
100Kb / 8P
Guidelines for connecting via JTAG protocol to the STR71x microcontroller
Rev. 1
More results

Similar Description - AN2093

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM8363PBF IRF-IRFHM8363PBF Datasheet
304Kb / 9P
Power Stage for high frequency buck converters
IRFH5304PBF IRF-IRFH5304PBF Datasheet
349Kb / 8P
Control MOSFET for buck converters
IRFH5306PBF IRF-IRFH5306PBF Datasheet
246Kb / 8P
Control MOSFET for buck converters
IRF7458PBF IRF-IRF7458PBF_15 Datasheet
135Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRF7463PBF IRF-IRF7463PBF_15 Datasheet
182Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRF7468PBF IRF-IRF7468PBF_15 Datasheet
131Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRF7469PBF IRF-IRF7469PBF_15 Datasheet
131Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRFH5304PBF IRF-IRFH5304PBF_15 Datasheet
243Kb / 9P
Control MOSFET for buck converters
IRFR3708PBF IRF-IRFR3708PBF_15 Datasheet
226Kb / 10P
High Frequency Buck Converters for Computer Processor Power
logo
Infineon Technologies A...
IRFH5304PBF INFINEON-IRFH5304PBF Datasheet
1,008Kb / 10P
Control MOSFET for Buck Converters
Rev. 2.4, 2021-03-19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com