Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR200 Datasheet(PDF) 2 Page - Lumins Inc.

Part # STR200
Description  Standard 4/18 silver braided power cord.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

STR200 Datasheet(HTML) 2 Page - Lumins Inc.

  STR200 Datasheet HTML 1Page - Lumins Inc. STR200 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
2
___ Vertical Plane
___ Horizontal Plane
STR200
SPECTRUM - CFL
DescriptiveInformation
Report No.: LSC D390
Luminaire: Spectrum Pendant STR200
Lamp: Two (2) 42W Triple-Tube CFL Lamps
Total Lamp Lumens: 6400 LMS (3200/lamp)
Efficiency: 55.70%
STR200-F242
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
TYPICALPHOTOMETRYSUMMARY
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
120V 2
277V
347V
MODEL#
LAMP SELECTION 1
VOLTAGE
FINISH
STR200
LUMINAIRESELECTION
COMPACT FLUORESCENT (Gx24q lamp base)
F226
2X26W
F232
2X32W
F242
2X42W
F257
2X57W
914
686
457
229
NOTES
1. Unless otherwise noted, lamps are by others.
2. Luminaires are factory prewired for 120V (if no voltage is specified.)
For complete photometric data, please visit our website at www.luminis.com
ELECTRICAL
MOUNTING
OPTIONS
DM2
2X26W 120V or 277V Mark X dimming ballast
DM3
2X32/42W 120V or 277V Mark X dimming ballast
DM4
2X57W 120V or 277V Mark X dimming ballast
DS2
Dual lamp switching (set of 2 lamps) 2FT39 or 2FT54
EM42 Integral emergency battery back-up -
1 lamp (26/32/42W) 90 min.
EM43 Remote emergency battery back-up - 1 lamp (57W) 90 min.
DIMMING
120V
277V
DM3-120
DM3-277
2x32/42W
DM2-120
DM2-277
2x26W
DM4-120
DM4-277
2x57W
Standard dimming ballast
MARK X 60HZ/EOL protection
Dimming;5-100% Min. start. temp. 10ºC (50ºF)
Burn lamps 100 hrs at full light output before dimming.
CL
Additional suspension cable with power cord (please specify
length)
STC
Safety cable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com