Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BC807
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC807 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC807 Datasheet HTML 1Page - KEC(Korea Electronics) BC807 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2009. 2. 19
1/2
SEMICONDUCTOR
TECHNICAL DATA
BC807
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 5
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Complementary to BC817.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE Classification
16:100
~250 , 25:160~400 , 40:250~630
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-20V, IE=0
-
-
-0.1
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
μA
DC Current Gain (Note)
hFE(1)
VCE=-1V, IC=-100mA
100
-
630
hFE(2)
VCE=-1V, IC=-500mA
40
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-
-0.7
V
Base-Emitter Voltage
VBE
VCE=-1V, IC=-500mA
-
-
-1.2
V
Transition Frequency
fT
VCE=-5V, IC=-10mA, f=100MHz
80
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
9
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-800
mA
Emitter Current
IE
800
mA
Collector Power Dissipation
PC*
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
TYPE.
BC807-16
BC807-25
BC807-40
MARK
5A
5B
5C
* : Package Mounted On 99.9% Alumina 10
×8×0.6mm.
MARK SPEC
Type Name
Marking
Lot No.


Similar Part No. - BC807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 08
logo
Transys Electronics
BC807 TRSYS-BC807 Datasheet
303Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
logo
Zetex Semiconductors
BC807 ZETEX-BC807 Datasheet
36Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
More results

Similar Description - BC807

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com