Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BC858
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC858 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BC858 Datasheet HTML 1Page - KEC(Korea Electronics) BC858 Datasheet HTML 2Page - KEC(Korea Electronics) BC858 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1999. 3. 9
2/3
BC856/7/8
Revision No : 3
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
NOTE : According to the value of hFE the BC856, BC857, BC858 are classified as follows.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-
-
-15
nA
DC Current Gain (Note)
BC856
hFE
VCE=-5V, IC=-2mA
125
-
475
BC857
125
-
800
BC858
125
-
800
Collector-Emitter Saturation Voltage
VCE(sat) 1
IC=-10mA, IB=-0.5mA
-
-0.09
-0.3
V
VCE(sat) 2
IC=-100mA, IB=-5mA
-
-0.25
-0.65
Base-Emitter Saturation Voltage
VBE(sat) 1
IC=-10mA, IB=-0.5mA
-
-0.7
-
V
VBE(sat) 2
IC=-100mA, IB=-5mA
-
-0.9
-
Base-Emitter Voltage
VBE(ON1)
VCE=-5V, IC=-2mA
-0.6
-0.65
-0.75
V
Base-Emitter Voltage
VBE(ON2)
VCE=-5V, IC=-10mA
-
-
-0.82
V
Transition Frequency
fT
VCE=-5V, IC=-10mA, f=100MHz
-
150
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
4.5
-
pF
Noise Figure
NF
VCE=-6V, IC=-0.2mA
Rg=2kΩ, f=1kHz
-
2.0
10
dB
CLASSIFICATION
A
B
C
hFE
BC856
125
~250
220
~475
-
BC857
125
~250
220
~475
420
~800
BC858
125
~250
220
~475
420
~800



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com