Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2648 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2648
Description  Increasing the resolution of analog temperature sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2648 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2648 Datasheet HTML 1Page - STMicroelectronics AN2648 Datasheet HTML 2Page - STMicroelectronics AN2648 Datasheet HTML 3Page - STMicroelectronics AN2648 Datasheet HTML 4Page - STMicroelectronics AN2648 Datasheet HTML 5Page - STMicroelectronics AN2648 Datasheet HTML 6Page - STMicroelectronics AN2648 Datasheet HTML 7Page - STMicroelectronics AN2648 Datasheet HTML 8Page - STMicroelectronics AN2648 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STLM20 temperature-to-output transfer function
AN2648
4/15
Figure 4.
Application temperature and voltage ranges
In Equation 1, the slope is –11.69 mV per °C. For the 8-bit ADC, the step size is 5 V/255
steps or 0.019608 V/step. Comparing this to the slope, we get:
This means that, with the temperature sensor connected directly to the ADC, the resolution
is only 1.68°C/step. The smallest temperature increment the ADC can resolve is
1.68°C. This is very coarse resolution.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
- 60
- 40
- 20
0
20
40
60
80
100
Temperature range of interest
Available voltage range
Used voltage range
of application
ai13988
STLM20 full temperature range
Temperature, T (˚C)
C/step
1.677318
C
V/
1169
0
.
0
V/step
0.019608
°
−
=
°
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com