Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2684 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2684
Description  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2684 Datasheet HTML 8Page - STMicroelectronics AN2684 Datasheet HTML 9Page - STMicroelectronics AN2684 Datasheet HTML 10Page - STMicroelectronics AN2684 Datasheet HTML 11Page - STMicroelectronics AN2684 Datasheet HTML 12Page - STMicroelectronics AN2684 Datasheet HTML 13Page - STMicroelectronics AN2684 Datasheet HTML 14Page - STMicroelectronics AN2684 Datasheet HTML 15Page - STMicroelectronics AN2684 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
IFP006V1 demonstration board description
AN2684
12/21
Doc ID 14266 Rev 1
In particular Figure 11 and 12 show 3D thermal modelization of the device.
4.5
EMC immunity test
4.5.1
Description
IFP006V1 has been tested according to EMC immunity standards IEC61000-4-4 (fast
transient burst) and IEC61000-4-5 (high energy surge).
A fast transient burst test has been performed all channels.
Each channel under test is cycling ON and OFF at 1 Hz, duty cycle 50%, on four 48
Ω load
resistors at 24 Vdc supply voltage.
A burst signal was applied using an ultra-compact simulator with an internal capacitive
coupling clamp tool.
4.5.2
Test conditions
Ambient temperature: 25.6 °C
Ambient humidity: 46%
Main voltage power supply: 24 Vdc
DC insulated voltage: 5 Vdc
Loads: 4 x 48
Ω power resistor
Figure 11.
Steady state thermal behavior 3D
simulation
Figure 12.
Repetitive demagnetization thermal
behavior 3D simulation (1 Hz
repetitive cycling on 48
Ω 1.2 H
load)
AM01853v1
AM01854v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com