Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2708 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 32Page - STMicroelectronics AN2708 Datasheet HTML 33Page - STMicroelectronics AN2708 Datasheet HTML 34Page - STMicroelectronics AN2708 Datasheet HTML 35Page - STMicroelectronics AN2708 Datasheet HTML 36Page - STMicroelectronics AN2708 Datasheet HTML 37Page - STMicroelectronics AN2708 Datasheet HTML 38Page - STMicroelectronics AN2708 Datasheet HTML 39Page - STMicroelectronics AN2708 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
DALI master AC-DC adapter
AN2708
36/42
5.3
Adapter performances
Several tests have been performed on the board to evaluate the converter behavior in terms
of efficiency, stability, safe operating area of the devices, line & load regulation and EMI
performances.
5.3.1
Steady state tests
These tests have been performed at the input voltage of 110 Vac and 230 Vac at full and
minimum load condition.
As shown by the waveforms the power supply operates in discontinuous current mode.
Figure 27.
VIPer12A-E steady state behavior at
full load at 110 Vac - 60 Hz
Figure 28.
VIPer12A-E steady state behavior at
full load at 230 Vac - 50 Hz
CH1 (blue): drain voltage
CH4 (purple): drain current
CH1 (blue): drain voltage
CH4 (purple): drain current
Figure 29.
VIPer12A-E steady state behavior at
minimum load at 110 Vac - 60 Hz
Figure 30.
VIPer12A-E steady state behavior at
minimum load at 230 Vac - 50 Hz
CH1 (blue): drain voltage
CH4 (purple): drain current
CH1 (blue): drain voltage
CH4 (purple): drain current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com