Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2711 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2711
Description  The cost of power LEDs is rapidly decreasing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2711 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2711 Datasheet HTML 3Page - STMicroelectronics AN2711 Datasheet HTML 4Page - STMicroelectronics AN2711 Datasheet HTML 5Page - STMicroelectronics AN2711 Datasheet HTML 6Page - STMicroelectronics AN2711 Datasheet HTML 7Page - STMicroelectronics AN2711 Datasheet HTML 8Page - STMicroelectronics AN2711 Datasheet HTML 9Page - STMicroelectronics AN2711 Datasheet HTML 10Page - STMicroelectronics AN2711 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AN2711
Background
Doc ID 14425 Rev 3
7/36
Figure 2.
Non-dimmable power converter LED driver
Many fluorescent, compact fluorescent, and LED drivers have warnings stating “not for use
with dimmers” because they are unable to cope with the sudden rise of voltage late in the
half cycle, or the reduced average voltage. Many low-cost drivers directly rectify the
incoming AC and apply the resulting pulsed DC to capacitive filters. Current is drawn from
the source during a very short period at the peak of the incoming voltage waveform, and no
current is drawn during the remainder of each half cycle.
The Triac requires a minimum holding current, typically 30 to 50 mA, during the entire half
cycle. If the current falls below that level, or if it reverses, the Triac turns off. It may or may
not fire again during that half cycle, and an unknown voltage is left on the dimmer's timing
capacitor for the next half cycle. Chaotic operation results if the holding current is not
maintained.
Switchmode lamp drivers of any kind must include EMI filters at their AC inputs. In addition,
the Triac dimmer may (and should) contain its own L-C filter, and the AC line is slightly
inductive. All the filters typically contain only inductive and capacitive components - the
sharply increasing input voltage, when the Triac fires each half cycle, causes current ringing
which reverses several times during the half cycle. The Triac may continue to conduct during
brief reversals (microseconds to tens of microseconds), or it may turn off. The variable
voltage step and variable timing can cause the gating circuit to apply triggers to the Triac at
random times, leading to flickering in the lamp.
Current drawn by a capacitive EMI filter varies considerably, even without the Triac dimmer.
At low power levels (around 15 W) the current drawn by the EMI filter is a significant portion
of the total current. It must be taken into account in the design. The incoming AC voltage
waveform is distorted by other loads - its slope varies from the smooth sine wave one would
expect. Typically, there is a notch at the top of the waveform, caused by rectifiers on other
equipment which draws current, followed by a flat top caused by capacitive loads drawing
current through rectifiers, followed by a step downward as the rectifiers go through reverse
recovery (abruptly ceasing to draw reverse current). The rapid downward slope can cause a
capacitive load such as the EMI filter input to supply reverse current through the Triac to the
source. Input current (Triac holding current) is sharply reduced or reversed. The current is
out of phase with the voltage between the voltage peaks and the voltage zero crossings.
The filter supplies some of the load current during these intervals, stealing holding current
from the Triac.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com