Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2713 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 17Page - STMicroelectronics AN2713 Datasheet HTML 18Page - STMicroelectronics AN2713 Datasheet HTML 19Page - STMicroelectronics AN2713 Datasheet HTML 20Page - STMicroelectronics AN2713 Datasheet HTML 21Page - STMicroelectronics AN2713 Datasheet HTML 22Page - STMicroelectronics AN2713 Datasheet HTML 23Page - STMicroelectronics AN2713 Datasheet HTML 24Page - STMicroelectronics AN2713 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AN2713
Layout guidelines
Doc ID 14431 Rev 1
21/40
5
Layout guidelines
Due to high current levels and fast switching waveforms, which radiate noise, a proper
printed circuit board (PCB) layout is essential. Sensitive analog grounds can be protected by
using a star ground configuration. Also, lead lengths should be minimized to reduce stray
capacitance, trace resistance, and radiated noise. Ground noise can be minimized by
connecting GND, the input bypass capacitor ground lead, and the output filter capacitor
ground lead to a single point (star ground configuration). Place input bypass capacitors (C1,
C2, C7 and C8) as close as possible to Vcc and GND, and the DC-DC output capacitors
(C3, C4, C5 and C6) as close as possible to VUP. Excessive noise at the Vcc input may
falsely trigger the undervoltage circuitry, resetting the I2C internal registers. If this occurs,
the registers are set to zero and the LNBH23 is put into shutdown mode.
LNB power supply demonstration boards are available for each package option through
order codes STEVAL-CBL003V1 (Figure 10) and STEVAL-CBL005V1 (Figure 11).
Figure 10.
STEVAL-CBL003V1 demonstration board photo (PowerSSO-24 package)
Figure 11.
STEVAL-CBL005V1 demonstration board photo (QFN32 package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com