Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2753 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2753
Description  6 W single-output VIPer17 demonstration board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2753 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2753 Datasheet HTML 3Page - STMicroelectronics AN2753 Datasheet HTML 4Page - STMicroelectronics AN2753 Datasheet HTML 5Page - STMicroelectronics AN2753 Datasheet HTML 6Page - STMicroelectronics AN2753 Datasheet HTML 7Page - STMicroelectronics AN2753 Datasheet HTML 8Page - STMicroelectronics AN2753 Datasheet HTML 9Page - STMicroelectronics AN2753 Datasheet HTML 10Page - STMicroelectronics AN2753 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AN2753
Board description
Doc ID 14654 Rev 2
7/31
Table 2.
Bill of materials
Item
Quantity
Reference
Part
11
BR1
Bridge
2
1
C1
EPCOS X2 100 nF MKP B32922
3
2
C2,C3
Rubycon YXA 10 µF 450 V
4
1
C4
22 µF 25 V
5
1
C5
47 pF 630 V (not mounted)
6
1
C6
3.3 nF
7
2
C7,C11
33 nF
8
1
C8
Y1 1.8 nF
9
1
C9
Rubycon ZL 470 µF 25 V
10
1
C10
Rubycon ZLG 47 µF 25V
11
1
C12
10 nF
12
1
D1
BAT46
13
1
D2
1N4148
14
1
D3
STTH1L06
15
1
D4
STPS2H100
16
1
D5
P6KE250
17
1
F1
500 mA fuse
20
1
L1
10 µH
21
1
NTC1
EPCOS B57153S0100M 10
Ω NTC
22
1
OPTO1
PC817
23
1
R1
10
24
2
R2,R4
1500 k
Ω
25
1
R3
47 k
Ω
26
1
R5
18 k
Ω
27
2
R6,R13
1 k
Ω
28
1
R8
15 k
Ω 1%
29
1
R9
3.9 k
Ω 1%
30
1
R10
82 k
Ω
31
1
R12
10 k
Ω
32
1
R14
180 k
Ω
33
1
T1
Transformer
34
1
T2
Coilcraft BU9-10325BL
35
1
U1
VIPer17
36
1
VR1
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com