Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2758 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2758
Description  EVAL6226QR demonstration board using a dual full-bridge L6226Q
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2758 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2758 Datasheet HTML 1Page - STMicroelectronics AN2758 Datasheet HTML 2Page - STMicroelectronics AN2758 Datasheet HTML 3Page - STMicroelectronics AN2758 Datasheet HTML 4Page - STMicroelectronics AN2758 Datasheet HTML 5Page - STMicroelectronics AN2758 Datasheet HTML 6Page - STMicroelectronics AN2758 Datasheet HTML 7Page - STMicroelectronics AN2758 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN2758
Demonstration board description
3/8
Figure 2.
EVAL6226QR demonstration board description
The INx input pins drive the corresponding half-bridge. When low logic level is applied the
low side MOS is switched on, whereas a high logic level turns on the high side MOS.
Pins ENA and ENB are used to implement overcurrent and thermal protection when
connected respectively to the outputs DIAGA and DIAGB.
The output current detection thresholds are selected by the resistor connected between the
IC dedicated pins and ground.
Table 2 summarizes the electrical specification of the application and Figure 3 shows the
electrical schematic.
Table 2.
EVAL6226QR electrical specification (recommended value)
Parameter
Value
Supply voltage range (VS)
8 to 52 Vdc
RMS output current rating (OUTx)
up to 1.4 A
Switching frequency
up to 100 kHz
Input and enable voltage range
0 to + 5 V
OCD pins voltage range
-0.3 to 10 V
Operating temperature range
-25 to +125°C
L6226Q thermal resistance junction to ambient
42°C/W
ENA
IN2A
IN1A
DIAGA
PGND
VS
OUT1A
OUT2A
OUT2B
OUT1B
ENB
IN1B
IN2B
DIAGB
SGND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com