Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2768 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2768
Description  LIS331DL 3-axis digital MEMS accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2768 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2768 Datasheet HTML 1Page - STMicroelectronics AN2768 Datasheet HTML 2Page - STMicroelectronics AN2768 Datasheet HTML 3Page - STMicroelectronics AN2768 Datasheet HTML 4Page - STMicroelectronics AN2768 Datasheet HTML 5Page - STMicroelectronics AN2768 Datasheet HTML 6Page - STMicroelectronics AN2768 Datasheet HTML 7Page - STMicroelectronics AN2768 Datasheet HTML 8Page - STMicroelectronics AN2768 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2008
Rev1
1/17
AN2768
Application note
LIS331DL 3-axis digital MEMS accelerometer:
translates finger taps into actions
Introduction
This document is intended to provide application information for the LIS331DL low-voltage
3-axis digital output linear MEMS accelerometer housed in an LGA package.
The LIS331DL is an ultra-compact low-power 3-axis linear accelerometer that includes a
sensing element and an IC interface capable taking information from the sensing element
and providing the measured acceleration data to external applications via an I2C/SPI serial
interface.
The sensing element used to detect acceleration is manufactured using a dedicated process
developed by ST to produce inertial sensors and actuators in silicon.
The IC interface is instead manufactured using a CMOS process that allows a high level of
integration to design a dedicated circuit which is factory trimmed to better match the sensing
element characteristics.
The LIS331DL has a user-selectable full scale of ±2 g and ±8 g and is capable of measuring
accelerations with an output data rate of 100 Hz or 400 Hz. A self-test capability allows the
user to check that the system is operating correctly.
The device features two independent, highly programmable interrupt sources that can be
configured either to generate an inertial wake-up interrupt signal when a programmable
acceleration threshold is exceeded along one of the three axes, to detect a free-fall or to
recognize single/double click events.
Two independent pins can be configured to provide interrupt signals to connected devices.
The LIS331DL is available in a plastic SMD package and is designed to operate over a
temperature range extending from -40 °C to +85 °C.
The ultra small size and weight of the SMD package make it an ideal choice for handheld
portable applications such as cell phones and PDAs, or any other application where
reduced package size and weight are required.
www.st.com


Similar Part No. - AN2768

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2760 STMICROELECTRONICS-AN2760 Datasheet
215Kb / 14P
Using clock distribution circuits in smart phone system design
31-Jul-2008
AN2761 STMICROELECTRONICS-AN2761 Datasheet
524Kb / 36P
Solution for designing a transition mode
17-Nov-2009
More results

Similar Description - AN2768

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
Digital MEMS Accelerometer
REV. 0
logo
STMicroelectronics
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
LIS302DL 3-axis digital MEMS accelerometer
17-Jan-2008
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
logo
NXP Semiconductors
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
Apr-2021
logo
STMicroelectronics
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com