Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2786 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2786
Description  The STEVAL-IHI001V1 is a demonstration board designed to simulate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2786 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2786 Datasheet HTML 2Page - STMicroelectronics AN2786 Datasheet HTML 3Page - STMicroelectronics AN2786 Datasheet HTML 4Page - STMicroelectronics AN2786 Datasheet HTML 5Page - STMicroelectronics AN2786 Datasheet HTML 6Page - STMicroelectronics AN2786 Datasheet HTML 7Page - STMicroelectronics AN2786 Datasheet HTML 8Page - STMicroelectronics AN2786 Datasheet HTML 9Page - STMicroelectronics AN2786 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Bill of material
AN2786
6/10
3
Bill of material
Table 1.
Bill of material
Item
Qty
Reference
Part
Manufacturer
1
1
BZ1
Buzzer KPE242
2
1
C1
10 µF 35 V SMD
EPCOS
3
1
C5
10 µF 10 V SMD
EPCOS
4
1
C2
220 pF 0805 SMD
5
1
C3
22 nF 0805 SMD
6
1
C4
100 µF 16 V SMD
EPCOS
7
2
C6, C7
100 nF 0805 SMD
8
1
C8
10 nF 0805 SMD
9
32
DL1-DL32
L-LTL4231N
10
3
DY1, DY2, DY3
HD-A552RD common anode
11
5
D1, D2, D3, D4, D5
1N4148 DO-35
12
1
D6
1N4007 DO-41
13
1
D7
STPS340U
STMicroelectronics
14
1
J1
K375A connector
15
2
J2, J5
MLW10G 10 pin connector
16
1
J3
BL815G 15 pin connector
17
1
J4
BL810G 10 pin connector
18
1
L1
DO3316P-333MLB 33 µH
Coilcraft
19
10
P1-P10
P-B1720C push-button
20
1
Q1
BC337 TO-92
21
3
R1, R10, R11
4K7 0805 SMD
22
2
R3, R9
4K7 1206 SMD
23
1
R2
15 k
Ω 1206 SMD
24
1
R4
390 1206 SMD
25
3
R5, R6, R8
10 k
Ω 1206 SMD
26
4
R12, R13, R14, R15
10 k
Ω 0805 SMD
27
1
TR1
SMAJ33A-TR TransilTM
STMicroelectronics
28
1
U2
ST7FLI49MK1T6
STMicroelectronics
29
1
U3
STLED316SMTR
STMicroelectronics
30
1
U4
L5970D
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com