Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0023 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN0023
Description  Discontinuous flyback transformer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0023 Datasheet(HTML) 1 Page - STMicroelectronics

  TN0023 Datasheet HTML 1Page - STMicroelectronics TN0023 Datasheet HTML 2Page - STMicroelectronics TN0023 Datasheet HTML 3Page - STMicroelectronics TN0023 Datasheet HTML 4Page - STMicroelectronics TN0023 Datasheet HTML 5Page - STMicroelectronics TN0023 Datasheet HTML 6Page - STMicroelectronics TN0023 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
August 2012
Doc ID 12864 Rev 2
1/7
TN0023
Technical note
Discontinuous flyback transformer
description and design parameters
Introduction
The following is a general description and basic design procedure for a discontinuous
flyback transformer. It can be useful for further development of an existing design, where
some parameters are known, or for communicating changes with a transformer design
house.
The flyback transformer can be used in isolated or non-isolated power supplies for almost
any output voltage. The discontinuous flyback transformer has a triangular current waveform
and commonly uses a 50% duty cycle at full load and minimum input line. A lower duty cycle
can be used but the peak and RMS current is higher. A higher duty cycle involves more
complicated means for stability and a lower bandwidth. The frequency is selected based on
many considerations - for example, a smaller transformer can be used with higher frequency
but the switching losses are higher.
The application requirements dictate the design and include minimum AC input voltage,
maximum output power (POmax), efficiency (η), operating frequency (f), output voltage (Vo)
and diode drop (Vdo). Some of the other circuit considerations, which are a result of the
design, include switching device current rating, peak current (for peak current limit),
switching device drain to source voltage and output rectifier reverse voltage (from maximum
input voltage), wire size, and auxiliary voltage if required.
This technical note presents one of the many procedures used to design a discontinuous
flyback transformer for a low power application, including application requirements.
www.st.com


Similar Part No. - TN0023

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TN0023 BOTHHAND-TN0023 Datasheet
176Kb / 1P
10/100 BASE -T MAGNETICS MODULES
More results

Similar Description - TN0023

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
Flyback Transformer
3/08/99
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
Flyback Transformer
8/12/98
logo
PCA ELECTRONICS INC.
EPA3869 PCA-EPA3869 Datasheet
38Kb / 1P
Flyback Transformer
logo
Allied Components Inter...
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
Flyback Transformer
AEP13-3873 ALLIED-AEP13-3873 Datasheet
836Kb / 1P
Flyback Transformer
logo
Pulse A Technitrol Comp...
PL2615NL PULSE-PL2615NL Datasheet
368Kb / 1P
Continuous/Discontinuous Flyback Transformer
PL2984NL PULSE-PL2984NL Datasheet
353Kb / 1P
Continuous/Discontinuous Flyback Transformer
MIL-PRF-21038 PULSE-MIL-PRF-21038 Datasheet
351Kb / 1P
Continuous/Discontinuous Flyback Transformer
PL2983NL PULSE-PL2983NL Datasheet
435Kb / 1P
Continuous/Discontinuous Flyback Transformer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com